Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGGBP.35.6.A.02 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # CGGBP.35.6.A.02
Description  rohs compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CGGBP.35.6.A.02 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  CGGBP.35.6.A.02 Datasheet HTML 1Page - Taoglas antenna solutions CGGBP.35.6.A.02 Datasheet HTML 2Page - Taoglas antenna solutions CGGBP.35.6.A.02 Datasheet HTML 3Page - Taoglas antenna solutions CGGBP.35.6.A.02 Datasheet HTML 4Page - Taoglas antenna solutions CGGBP.35.6.A.02 Datasheet HTML 5Page - Taoglas antenna solutions CGGBP.35.6.A.02 Datasheet HTML 6Page - Taoglas antenna solutions CGGBP.35.6.A.02 Datasheet HTML 7Page - Taoglas antenna solutions CGGBP.35.6.A.02 Datasheet HTML 8Page - Taoglas antenna solutions CGGBP.35.6.A.02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SPE-14-8-018/C/PK
| page 1 of 12
CGGBP.35.6.A.02
Specification
Part No.
CGGBP.35.6.A.02
Product Name
35mm*35mm*6.5mm
3~4dBi
GPS/GLONASS/BEIDOU
Embedded Patch Antenna
BEIDOU 1561MHz / GPS 1575MHz / GLONASS
1602MHz
Feature
Dielectric Ceramic
Pin Mount
RoHS Compliant
CGGBP.35.6.A.02
Front
CGGBP.35.6.A.02
Back


Similar Part No. - CGGBP.35.6.A.02

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
CGGBP.35.3.A.02 TAOGLAS-CGGBP.35.3.A.02 Datasheet
1Mb / 14P
   rohs compliant
More results

Similar Description - CGGBP.35.6.A.02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com