Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-UWBH-NBDA8 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-UWBH-NBDA8
Description  High reliability package with enhanced silicone resin encapsulation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-UWBH-NBDA8 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASMT-UWBH-NBDA8 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWBH-NBDA8 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWBH-NBDA8 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWBH-NBDA8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWBH-NBDA8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWBH-NBDA8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWBH-NBDA8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWBH-NBDA8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWBH-NBDA8 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
y
0.3722
0.3874
0.3958
0.3798
6C
x
0.3825
0.3869
0.4006
0.3950
y
0.3798
0.3958
0.4044
0.3875
6D
x
0.3783
0.3825
0.3950
0.3898
y
0.3646
0.3798
0.3875
0.3716
7A
x
0.3889
0.3941
0.4080
0.4017
y
0.3690
0.3848
0.3916
0.3751
7B
x
0.3941
0.3996
0.4146
0.4080
y
0.3848
0.4015
0.4089
0.3916
7C
x
0.4080
0.4146
0.4299
0.4221
y
0.3916
0.4089
0.4165
0.3984
7D
x
0.4017
0.4080
0.4221
0.4147
y
0.3751
0.3916
0.3984
0.3814
8A
x
0.4147
0.4221
0.4342
0.4259
y
0.3814
0.3984
0.4028
0.3853
8B
x
0.4221
0.4299
0.4430
0.4342
y
0.3984
0.4165
0.4212
0.4028
8C
x
0.4342
0.4430
0.4562
0.4465
y
0.4028
0.4212
0.4260
0.4071
8D
x
0.4259
0.4342
0.4465
0.4373
y
0.3853
0.4028
0.4071
0.3893
9A
x
0.4373
0.4465
0.4582
0.4483
y
0.3893
0.4071
0.4099
0.3919
9B
x
0.4465
0.4562
0.4687
0.4582
y
0.4071
0.4260
0.4289
0.4099
9C
x
0.4582
0.4687
0.4813
0.4700
y
0.4099
0.4289
0.4319
0.4126
9D
x
0.4483
0.4582
0.4700
0.4593
y
0.3919
0.4099
0.4126
0.3944
Tolerance ±0.01
Color Bin
Packaging Option (X5)
Option
Test Current
Package Type
Reel Size
8
80mA
Top Mount
7 Inch


Similar Part No. - ASMT-UWBH-NBDA8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UWB1-NX302 AVAGO-ASMT-UWB1-NX302 Datasheet
118Kb / 8P
   OneWhite Surface Mount PLCC-2 LED Indicator
logo
Broadcom Corporation.
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
780Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
726Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
June 5, 2020
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UWB1-NX312 AVAGO-ASMT-UWB1-NX312 Datasheet
118Kb / 8P
   OneWhite Surface Mount PLCC-2 LED Indicator
logo
Broadcom Corporation.
ASMT-UWB1-NX312 BOARDCOM-ASMT-UWB1-NX312 Datasheet
780Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
More results

Similar Description - ASMT-UWBH-NBDA8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UYBG AVAGO-ASMT-UYBG Datasheet
181Kb / 10P
   High reliability package with enhanced silicone resin encapsulation
ASMT-QWBF-NKL0E AVAGO-ASMT-QWBF-NKL0E Datasheet
131Kb / 10P
   High reliability package with enhanced silicone resin encapsulation
ASMT-QYBG AVAGO-ASMT-QYBG Datasheet
182Kb / 9P
   High reliability package with enhanced silicone resin encapsulation
logo
OSRAM GmbH
LTRBR8SR-8A7B-0117 OSRAM-LTRBR8SR-8A7B-0117 Datasheet
796Kb / 25P
   SMD package with silicone resin
KRBTQDLP61.3A OSRAM-KRBTQDLP61.3A Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRB-RASR OSRAM-LTRB-RASR Datasheet
1Mb / 23P
   SMD package with silicone resin
LTRB-R8SF OSRAM-LTRB-R8SF Datasheet
1Mb / 21P
   SMD package with silicone resin
LTRBR8SF-8A7B-0117 OSRAM-LTRBR8SF-8A7B-0117 Datasheet
1Mb / 21P
   SMD package with silicone resin
LTRB-R8SR OSRAM-LTRB-R8SR Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRBRASF-5B5C-0112 OSRAM-LTRBRASF-5B5C-0112 Datasheet
1,002Kb / 23P
   SMD package with silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com