Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-UWBG Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-UWBG
Description  High reliability package with enhanced silicone resin encapsulation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-UWBG Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASMT-UWBG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWBG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWBG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWBG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWBG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWBG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWBG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWBG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWBG Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
0.000
0.020
0.040
0.060
0.080
0.100
0.120
0
10 20304050 60708090 100 110
Ta-'C
Forward Current Derating Curve. RTHja 140°C/W.
Recommended Pb Free Reflow Soldering Profile
Recommended Solder Pad


Similar Part No. - ASMT-UWBG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UWB1-NX302 AVAGO-ASMT-UWB1-NX302 Datasheet
118Kb / 8P
   OneWhite Surface Mount PLCC-2 LED Indicator
logo
Broadcom Corporation.
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
780Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
726Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
June 5, 2020
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UWB1-NX312 AVAGO-ASMT-UWB1-NX312 Datasheet
118Kb / 8P
   OneWhite Surface Mount PLCC-2 LED Indicator
logo
Broadcom Corporation.
ASMT-UWB1-NX312 BOARDCOM-ASMT-UWB1-NX312 Datasheet
780Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
More results

Similar Description - ASMT-UWBG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UYBG AVAGO-ASMT-UYBG Datasheet
181Kb / 10P
   High reliability package with enhanced silicone resin encapsulation
ASMT-QWBF-NKL0E AVAGO-ASMT-QWBF-NKL0E Datasheet
131Kb / 10P
   High reliability package with enhanced silicone resin encapsulation
ASMT-QYBG AVAGO-ASMT-QYBG Datasheet
182Kb / 9P
   High reliability package with enhanced silicone resin encapsulation
logo
OSRAM GmbH
LTRBR8SR-8A7B-0117 OSRAM-LTRBR8SR-8A7B-0117 Datasheet
796Kb / 25P
   SMD package with silicone resin
KRBTQDLP61.3A OSRAM-KRBTQDLP61.3A Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRB-RASR OSRAM-LTRB-RASR Datasheet
1Mb / 23P
   SMD package with silicone resin
LTRB-R8SF OSRAM-LTRB-R8SF Datasheet
1Mb / 21P
   SMD package with silicone resin
LTRBR8SF-8A7B-0117 OSRAM-LTRBR8SF-8A7B-0117 Datasheet
1Mb / 21P
   SMD package with silicone resin
LTRB-R8SR OSRAM-LTRB-R8SR Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRBRASF-5B5C-0112 OSRAM-LTRBRASF-5B5C-0112 Datasheet
1,002Kb / 23P
   SMD package with silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com