Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-QYBG Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-QYBG
Description  High reliability package with enhanced silicone resin encapsulation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-QYBG Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-QYBG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-QYBG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-QYBG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-QYBG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-QYBG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-QYBG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-QYBG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-QYBG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-QYBG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Part Numbering System
Absolute Maximum Ratings (TA = 25 °C)
Parameter
Rating
Unit
DC Forward Current
180
mA
Peak Forward Current (D = 10%, f = 1kHz)
300
mA
Power Dissipation
640
mW
Reverse Voltage
Not recommended
V
Junction Temperature
125
°C
Operating Temperature
-40 to 100
°C
Storage Temperature
-40 to 100
°C
Optical / Electrical Characteristics (TJ = 25 °C)
Parameter
Test Condition
Min
Typ
Max
Unit
Viewing Angle 2θ1/2 1
120
degree
Forward Voltage VF 2
IF = 150mA
2.8
3.4
3.6
V
Thermal Resistance
RTH
junction to pin
40
°C/W
1.
½ is the off-axis angle where the luminous intensity is ½ the peak intensity.
2. Tolerance ±0.1V.
A S M T – Q X1 B x – N X2 X3 X4 X5
Packaging Option
Colour Bin
Max Flux Bin
Min Flux Bin
Color
W – Cool White
Y – Warm White


Similar Part No. - ASMT-QYBG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QYBF-NJK0E AVAGO-ASMT-QYBF-NJK0E Datasheet
130Kb / 10P
   High brightness with optimum fl ux performance using InGaN chip technologies
More results

Similar Description - ASMT-QYBG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UYBG AVAGO-ASMT-UYBG Datasheet
181Kb / 10P
   High reliability package with enhanced silicone resin encapsulation
ASMT-QWBF-NKL0E AVAGO-ASMT-QWBF-NKL0E Datasheet
131Kb / 10P
   High reliability package with enhanced silicone resin encapsulation
ASMT-UWBG AVAGO-ASMT-UWBG Datasheet
181Kb / 10P
   High reliability package with enhanced silicone resin encapsulation
logo
OSRAM GmbH
LTRBR8SR-8A7B-0117 OSRAM-LTRBR8SR-8A7B-0117 Datasheet
796Kb / 25P
   SMD package with silicone resin
KRBTQDLP61.3A OSRAM-KRBTQDLP61.3A Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRB-RASR OSRAM-LTRB-RASR Datasheet
1Mb / 23P
   SMD package with silicone resin
LTRB-R8SF OSRAM-LTRB-R8SF Datasheet
1Mb / 21P
   SMD package with silicone resin
LTRBR8SF-8A7B-0117 OSRAM-LTRBR8SF-8A7B-0117 Datasheet
1Mb / 21P
   SMD package with silicone resin
LTRB-R8SR OSRAM-LTRB-R8SR Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRBRASF-5B5C-0112 OSRAM-LTRBRASF-5B5C-0112 Datasheet
1,002Kb / 23P
   SMD package with silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com