Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGGP.25F.07.0060A Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # AGGP.25F.07.0060A
Description  Low Power Consumption
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AGGP.25F.07.0060A Datasheet(HTML) 1 Page - Taoglas antenna solutions

  AGGP.25F.07.0060A Datasheet HTML 1Page - Taoglas antenna solutions AGGP.25F.07.0060A Datasheet HTML 2Page - Taoglas antenna solutions AGGP.25F.07.0060A Datasheet HTML 3Page - Taoglas antenna solutions AGGP.25F.07.0060A Datasheet HTML 4Page - Taoglas antenna solutions AGGP.25F.07.0060A Datasheet HTML 5Page - Taoglas antenna solutions AGGP.25F.07.0060A Datasheet HTML 6Page - Taoglas antenna solutions AGGP.25F.07.0060A Datasheet HTML 7Page - Taoglas antenna solutions AGGP.25F.07.0060A Datasheet HTML 8Page - Taoglas antenna solutions AGGP.25F.07.0060A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SPE-12-8-015/B/SS
Page 1 of 11
SPECIFICATION
Part No.
:
AGGP.25F.07.0060A
Product Name
:
25mm Two Stage GPS-Glonass- GNSS Active Patch
Antenna Module with Front-end Saw Filter
Features
:
Industry leading GPS~GLONASS antenna performance
25.1*25.1*7.4mm (Ground Plane)
60mm Ø1.13 IPEX MHFI (U.FL)
28dB LNA
Wide Input Voltage 1.8V to 5.5V
Low Power Consumption
ROHS Compliant
Photo
:


Similar Part No. - AGGP.25F.07.0060A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AGGP.25F.07.0060A TAOGLAS-AGGP.25F.07.0060A Datasheet
767Kb / 9P
   25mm Two Stage GPS-GLONASS-GALILEO GNSS Active Patch
AGGP.25F.07.0060A TAOGLAS-AGGP.25F.07.0060A_17 Datasheet
767Kb / 9P
   25mm Two Stage GPS-GLONASS-GALILEO GNSS Active Patch
More results

Similar Description - AGGP.25F.07.0060A

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com