Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5410CRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5410CRZ
Description  30MHz Rail-to-Rail Input-Output Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5410CRZ Datasheet(HTML) 4 Page - Intersil Corporation

  EL5410CRZ Datasheet HTML 1Page - Intersil Corporation EL5410CRZ Datasheet HTML 2Page - Intersil Corporation EL5410CRZ Datasheet HTML 3Page - Intersil Corporation EL5410CRZ Datasheet HTML 4Page - Intersil Corporation EL5410CRZ Datasheet HTML 5Page - Intersil Corporation EL5410CRZ Datasheet HTML 6Page - Intersil Corporation EL5410CRZ Datasheet HTML 7Page - Intersil Corporation EL5410CRZ Datasheet HTML 8Page - Intersil Corporation EL5410CRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN7185.2
May 6, 2005
NOTES:
1. Measured over operating temperature range
2. Slew rate is measured on rising and falling edges
3. NTSC signal generator used
Electrical Specifications
VS+ = 5V, VS- = 0V, RL = 1kΩ and CL = 12pF to 2.5V, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 2.5V
3
15
mV
TCVOS
Average Offset Voltage Drift (Note 1)
7
µV/°C
IB
Input Bias Current
VCM = 2.5V
2
60
nA
RIN
Input Impedance
1G
CIN
Input Capacitance
2pF
CMIR
Common-Mode Input Range
-0.5
+5.5
V
CMRR
Common-Mode Rejection Ratio
for VIN from -0.5V to 5.5V
45
66
dB
AVOL
Open-Loop Gain
0.5V
≤ VOUT ≤ 4.5V
65
80
dB
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
100
200
mV
VOH
Output Swing High
IL = 5mA
4.8
4.9
V
ISC
Short Circuit Current
±120
mA
IOUT
Output Current
±30
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from 4.5V to 15.5V
60
80
dB
IS
Supply Current (Per Amplifier)
No Load
2.5
3.75
mA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 2)
1V
≤ VOUT ≤ 4V, 20% o 80%
33
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V Step
140
ns
BW
-3dB Bandwidth
30
MHz
GBWP
Gain-Bandwidth Product
20
MHz
PM
Phase Margin
50
°
CS
Channel Separation
f = 5MHz
110
dB
dG
Differential Gain (Note 3)
RF = RG = 1kΩ and VOUT = 1.4V
0.30
%
dP
Differential Phase (Note 3)
RF = RG = 1kΩ and VOUT = 1.4V
0.66
°
EL5210, EL5410


Similar Part No. - EL5410CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5410CRZ INTERSIL-EL5410CRZ Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5410CRZ RENESAS-EL5410CRZ Datasheet
751Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5410CRZ-T13 INTERSIL-EL5410CRZ-T13 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5410CRZ-T13 RENESAS-EL5410CRZ-T13 Datasheet
751Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5410CRZ-T7 INTERSIL-EL5410CRZ-T7 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5410CRZ

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5210 RENESAS-EL5210 Datasheet
751Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com