Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37B78X Datasheet(PDF) 64 Page - SMSC Corporation

Part # FDC37B78X
Description  Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
Download  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B78X Datasheet(HTML) 64 Page - SMSC Corporation

Back Button FDC37B78X Datasheet HTML 60Page - SMSC Corporation FDC37B78X Datasheet HTML 61Page - SMSC Corporation FDC37B78X Datasheet HTML 62Page - SMSC Corporation FDC37B78X Datasheet HTML 63Page - SMSC Corporation FDC37B78X Datasheet HTML 64Page - SMSC Corporation FDC37B78X Datasheet HTML 65Page - SMSC Corporation FDC37B78X Datasheet HTML 66Page - SMSC Corporation FDC37B78X Datasheet HTML 67Page - SMSC Corporation FDC37B78X Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 258 page
background image
64
CONTROL COMMANDS
Control
commands
differ
from
the
other
commands in that no data transfer takes place.
Three commands generate an interrupt when
complete: Read ID, Recalibrate, and Seek. The
other control commands do not generate an
interrupt.
Read ID
The Read ID command is used to find the
present position of the recording heads.
The
FDC stores the values from the first ID field it is
able to read into its registers. If the FDC does
not find an ID address mark on the diskette after
the second occurrence of a pulse on the
nINDEX pin, it then sets the IC code in Status
Register 0 to "01" (abnormal termination), sets
the MA bit in Status Register 1 to "1", and
terminates the command.
The following commands will generate an
interrupt upon completion. They do not return
any result bytes. It is highly recommended that
control commands be followed by the Sense
Interrupt Status command. Otherwise, valuable
interrupt status information will be lost.
Recalibrate
This command causes the read/write head
within the FDC to retract to the track 0 position.
The FDC clears the contents of the PCN counter
and checks the status of the nTR0 pin from the
FDD. As long as the nTR0 pin is low, the DIR
pin remains 0 and step pulses are issued.
When the nTR0 pin goes high, the SE bit in
Status Register 0 is set to "1" and the command
is terminated. If the nTR0 pin is still low after 79
step pulses have been issued, the FDC sets the
SE and the EC bits of Status Register 0 to "1"
and terminates the command. Disks capable of
handling more than 80 tracks per side may
require more than one Recalibrate command to
return the head back to physical Track 0.
The Recalibrate command does not have a
result phase.
The Sense Interrupt Status
command must be issued after the Recalibrate
command to effectively terminate it and to
provide verification of the head position (PCN).
During the command phase of the recalibrate
operation, the FDC is in the BUSY state, but
during the execution phase it is in a NON-BUSY
state.
At
this
time,
another
Recalibrate
command may be issued, and in this manner
parallel Recalibrate operations may be done on
up to four drives at once.
Upon power up, the software must issue a
Recalibrate command to properly initialize all
drives and the controller.
Seek
The read/write head within the drive is moved
from track to track under the control of the Seek
command. The FDC compares the PCN, which
is the current head position, with the NCN and
performs the following operation if there is a
difference:
PCN < NCN: Direction signal to drive set to
"1" (step in) and issues step pulses.
PCN > NCN: Direction signal to drive set to
"0" (step out) and issues step pulses.
The rate at which step pulses are issued is
controlled by SRT (Stepping Rate Time) in the
Specify command.
After each step pulse is
issued, NCN is compared against PCN, and
when NCN = PCN the SE bit in Status Register
0 is set to "1" and the command is terminated.
During the command phase of the seek or
recalibrate operation, the FDC is in the BUSY
state, but during the execution phase it is in the
NON-BUSY state. At this time, another Seek or
Recalibrate command may be issued, and in
this manner, parallel seek operations may be
done on up to four drives at once.


Similar Part No. - FDC37B78X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B78X SMSC-FDC37B78X Datasheet
880Kb / 249P
   Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
FDC37B78X SMSC-FDC37B78X_07 Datasheet
880Kb / 249P
   Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
More results

Similar Description - FDC37B78X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B78X SMSC-FDC37B78X_07 Datasheet
880Kb / 249P
   Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
SIO1036 SMSC-SIO1036 Datasheet
365Kb / 4P
   Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000 SMSC-SIO1000_07 Datasheet
202Kb / 5P
   Super I/O with LPC Interface with FIR and Consumer IR Support
37C67X SMSC-37C67X Datasheet
546Kb / 194P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com