Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PU5931FKNT50U2L Datasheet(PDF) 6 Page - YAGEO Corporation

Part # PU5931FKNT50U2L
Description  SHUNT RESISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PU5931FKNT50U2L Datasheet(HTML) 6 Page - YAGEO Corporation

  PU5931FKNT50U2L Datasheet HTML 1Page - YAGEO Corporation PU5931FKNT50U2L Datasheet HTML 2Page - YAGEO Corporation PU5931FKNT50U2L Datasheet HTML 3Page - YAGEO Corporation PU5931FKNT50U2L Datasheet HTML 4Page - YAGEO Corporation PU5931FKNT50U2L Datasheet HTML 5Page - YAGEO Corporation PU5931FKNT50U2L Datasheet HTML 6Page - YAGEO Corporation PU5931FKNT50U2L Datasheet HTML 7Page - YAGEO Corporation PU5931FKNT50U2L Datasheet HTML 8Page - YAGEO Corporation PU5931FKNT50U2L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
-
Chip Resistor Surface Mount
Product specification
6
9
SERIES
PU
3921/ 5931
www.yageo.com
Jan. 16, 2017 V.2
PACKING STYLE AND PACKAGING QUANTITY
Table 3 Packing style and packaging quantity
PACKING STYLE
REEL DIMENSION
3921
5931
Embossed taping reel (K)
13" (330 mm)
3,000
1,500
DIMENSION
A0
B0
D0
D1
E
F
K0
P0
P1
P2
T1
T2
T
W
MIN.
MAX.
MAX. MAX. MAX. MAX.
PU3921
5.59± 0.1
10.41± 0.1 1.5± 0.1
1.5
1.75± 0.1
7.5± 0.1
2.13
4± 0.1
8± 0.1
2± 0.1
0.1
2.64
0.41
16.3
0.2m
Ω/ 0.3mΩ
/ 0.5m
Ω/2mΩ
PU3921
5.59± 0.1
10.41± 0.1 1.5± 0.1
1.5
1.75± 0.1
7.5± 0.1
1.14
4± 0.1
8± 0.1
2± 0.1
0.1
1.65
0.41
16.3
1m
Ω/ 3mΩ/
4
m
Ω
PU5931
8.3± 0.1
15.62± 0.1 1.5± 0.1
1.5
1.75± 0.1
11.5± 0.1
2.39
4± 0.1 12± 0.1 2± 0.1
0.1
2.9
0.41
24.3
0.3m
Ω
PU5931
8.3± 0.1
15.62± 0.1 1.5± 0.1
1.5
1.75± 0.1
11.5± 0.1
1.22
4± 0.1 12± 0.1 2± 0.1
0.1
1.73
0.41
24.3
0.5m
Ω
Unit : mm
Table 4 Dimensions of embossed tape for relevant chip resistors size
Fig. 5 Embossed Tape
EMBOSSED TAPE


Similar Part No. - PU5931FKNT50U2L

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PU5 GOOD-ARK-PU5 Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
logo
Powerbox
PU500 POWERBOX-PU500 Datasheet
243Kb / 3P
   4 0 0 - 5 0 0 WAT T S D C / D C I N D U S T R I A L C O N V E R T E R
PU500110-24 POWERBOX-PU500110-24 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
PU500110-28 POWERBOX-PU500110-28 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
PU500110-36 POWERBOX-PU500110-36 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
More results

Similar Description - PU5931FKNT50U2L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
   Shunt Resistor
PWR220S BOURNS-PWR220S Datasheet
301Kb / 4P
   Shunt Resistor
PWR220-2SAR040JE BOURNS-PWR220-2SAR040JE Datasheet
265Kb / 4P
   Shunt Resistor
logo
Riedon Powertron
MNRS1050 RIEDON-MNRS1050 Datasheet
197Kb / 2P
   Chip Shunt Resistor
MNRS10500R002F RIEDON-MNRS10500R002F Datasheet
149Kb / 2P
   Power Shunt Resistor
logo
Texas Instruments
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
KOA Speer Electronics, ...
PSBTTEB1L00F KOA-PSBTTEB1L00F Datasheet
241Kb / 2P
   chip type power shunt resistor
PSIDTEB KOA-PSIDTEB Datasheet
82Kb / 2P
   chip type power shunt resistor
logo
Vishay Siliconix
WSBS8518L5000JT34 VISHAY-WSBS8518L5000JT34 Datasheet
143Kb / 3P
   Power Metal Strip짰 Shunt Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com