Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PU5931JKMT50U2L Datasheet(PDF) 5 Page - YAGEO Corporation

Part # PU5931JKMT50U2L
Description  SHUNT RESISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PU5931JKMT50U2L Datasheet(HTML) 5 Page - YAGEO Corporation

  PU5931JKMT50U2L Datasheet HTML 1Page - YAGEO Corporation PU5931JKMT50U2L Datasheet HTML 2Page - YAGEO Corporation PU5931JKMT50U2L Datasheet HTML 3Page - YAGEO Corporation PU5931JKMT50U2L Datasheet HTML 4Page - YAGEO Corporation PU5931JKMT50U2L Datasheet HTML 5Page - YAGEO Corporation PU5931JKMT50U2L Datasheet HTML 6Page - YAGEO Corporation PU5931JKMT50U2L Datasheet HTML 7Page - YAGEO Corporation PU5931JKMT50U2L Datasheet HTML 8Page - YAGEO Corporation PU5931JKMT50U2L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
-
Chip Resistor Surface Mount
Product specification
5
9
SERIES
PU
3921/ 5931
www.yageo.com
Jan. 16, 2017 V.2
FUNCTIONAL DESCRIPTION
O
OP
PE
ER
RA
AT
TIIN
NG
G T
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
High Temperature Range Type:
-65°C to +275°C (Fig. 4-1)
Normal Temperature Range Type:
-65°C to +170°C (Fig. 4-2)
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Standard rated power at 70°C:
PU3921 = 3W/5W/9W
PU5931 = 5W/7W/10W
For detail power value, please refer to Table 2.
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V =
)
(
PxR
Where
V = Continuous rated DC or
AC (rms) working voltage (V)
P = Rated power (W)
R = Resistance value (Ω)
Fig. 4-1
Maximum dissipation (Pmax) in percentage of rated
power as a function of the operating ambient
temperature (Tamb)
Fig. 4-2
Maximum dissipation (Pmax) in percentage of rated
power as a function of the operating ambient
temperature (Tamb)


Similar Part No. - PU5931JKMT50U2L

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PU5 GOOD-ARK-PU5 Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
logo
Powerbox
PU500 POWERBOX-PU500 Datasheet
243Kb / 3P
   4 0 0 - 5 0 0 WAT T S D C / D C I N D U S T R I A L C O N V E R T E R
PU500110-24 POWERBOX-PU500110-24 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
PU500110-28 POWERBOX-PU500110-28 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
PU500110-36 POWERBOX-PU500110-36 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
More results

Similar Description - PU5931JKMT50U2L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
   Shunt Resistor
PWR220S BOURNS-PWR220S Datasheet
301Kb / 4P
   Shunt Resistor
PWR220-2SAR040JE BOURNS-PWR220-2SAR040JE Datasheet
265Kb / 4P
   Shunt Resistor
logo
Riedon Powertron
MNRS1050 RIEDON-MNRS1050 Datasheet
197Kb / 2P
   Chip Shunt Resistor
MNRS10500R002F RIEDON-MNRS10500R002F Datasheet
149Kb / 2P
   Power Shunt Resistor
logo
Texas Instruments
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
KOA Speer Electronics, ...
PSBTTEB1L00F KOA-PSBTTEB1L00F Datasheet
241Kb / 2P
   chip type power shunt resistor
PSIDTEB KOA-PSIDTEB Datasheet
82Kb / 2P
   chip type power shunt resistor
logo
Vishay Siliconix
WSBS8518L5000JT34 VISHAY-WSBS8518L5000JT34 Datasheet
143Kb / 3P
   Power Metal Strip짰 Shunt Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com