Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE2010JRF7W0R91L Datasheet(PDF) 8 Page - YAGEO Corporation

Part # PE2010JRF7W0R91L
Description  CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PE2010JRF7W0R91L Datasheet(HTML) 8 Page - YAGEO Corporation

Back Button PE2010JRF7W0R91L Datasheet HTML 4Page - YAGEO Corporation PE2010JRF7W0R91L Datasheet HTML 5Page - YAGEO Corporation PE2010JRF7W0R91L Datasheet HTML 6Page - YAGEO Corporation PE2010JRF7W0R91L Datasheet HTML 7Page - YAGEO Corporation PE2010JRF7W0R91L Datasheet HTML 8Page - YAGEO Corporation PE2010JRF7W0R91L Datasheet HTML 9Page - YAGEO Corporation PE2010JRF7W0R91L Datasheet HTML 10Page - YAGEO Corporation PE2010JRF7W0R91L Datasheet HTML 11Page - YAGEO Corporation PE2010JRF7W0R91L Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
-
Chip Resistor Surface Mount
www.yageo.com
Nov. 28, 2016 V.5
Product specification
8
12
SERIES
PE_L
0201 /0402/ 0603/ 0805/ 1206/ 2010/ 2512
Fig. 9 Reel
REEL SPECIFICATION
SIZE
QUANTITY
PER REEL
REEL SIZE
SYMBOL
Unit: mm
8 mm
TAPE WIDE
12 mm
TAPE WIDE
24 mm
TAPE WIDE
A
N
C
D
W1
W2 MAX.
PE0201
10,000
7"
(Ø 178 mm)
---
---
180.0+0/-3
60.0+1/-0
13.0± 0.2
21.0± 0.8
9.0± 0.30
12.4
PE0402
10,000
7"
(Ø 178 mm)
---
---
180.0+0/-3
60.0+1/-0
13.0± 0.2
21.0± 0.8
9.0± 0.30
12.4
PE0603
5000
7"
(Ø 178 mm)
--
--
180.0+0/-3
60.0+1/-0
13.0± 0.2
21.0± 0.8
8.4 +1/-0
12.4
PE0805
5000
7"
(Ø 178 mm)
--
--
180.0+0/-3
60.0+1/-0
13.0± 0.2
21.0± 0.8
8.4 +1/-0
12.4
PE1206
4000
7"
(Ø 178 mm)
--
--
180.0+0/-3
60.0+1/-0
13.0± 0.2
21.0± 0.8
8.4 +1/-0
12.4
PE2010
4000
--
7"
(Ø 178 mm)
--
180.0+0/-3
60.0+1/-0
13.0± 0.2
21.0± 0.8
12.3 +1/-0
18.4
PE2512
4000
--
7"
(Ø 178 mm)
--
180.0+0/-3
60.0+1/-0
13.0± 0.2
21.0± 0.8
12.3 +1/-0
18.4
Table 6 Dimensions of reel specification for relevant chip resistors size
LEADER/TRAILER TAPE SPECIFICATION
Fig.10 Leader/Trailer Tape


Similar Part No. - PE2010JRF7W0R91L

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
PE2010-M YHDC-PE2010-M Datasheet
627Kb / 1P
   PE series PCB safety isolation transformer
logo
SHENZHEN DOINGTER SEMIC...
PE2010S DOINGTER-PE2010S Datasheet
1Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
More results

Similar Description - PE2010JRF7W0R91L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Allegro MicroSystems
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com