Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PU5931FKMP70U2L Datasheet(PDF) 2 Page - YAGEO Corporation

Part # PU5931FKMP70U2L
Description  SHUNT RESISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PU5931FKMP70U2L Datasheet(HTML) 2 Page - YAGEO Corporation

  PU5931FKMP70U2L Datasheet HTML 1Page - YAGEO Corporation PU5931FKMP70U2L Datasheet HTML 2Page - YAGEO Corporation PU5931FKMP70U2L Datasheet HTML 3Page - YAGEO Corporation PU5931FKMP70U2L Datasheet HTML 4Page - YAGEO Corporation PU5931FKMP70U2L Datasheet HTML 5Page - YAGEO Corporation PU5931FKMP70U2L Datasheet HTML 6Page - YAGEO Corporation PU5931FKMP70U2L Datasheet HTML 7Page - YAGEO Corporation PU5931FKMP70U2L Datasheet HTML 8Page - YAGEO Corporation PU5931FKMP70U2L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
-
Chip Resistor Surface Mount
Product specification
2
9
SERIES
PU
3921/ 5931
www.yageo.com
Jan. 16, 2017 V.2
SCOPE
This specification describes shunt
resistor PU series with lead-free
terminations made by welding
technology.
APPLICATIONS
Power
Telecom base station
Automotive (Headlight/
Window control/ Engine control
unit/ Steering control…)
Alternative energy
FEATURES
AEC-Q200 qualified
Resistance value down to
0.0002Ω and high power up to
10W
Welding metal plate
construction
GLOBAL PART NUMBER
PU XXXX X X X XX XXXX L
(1)
(2) (3) (4)
(5)
(6)
(7)
(1) SIZE
3921/ 5931
(2) TOLERANCE
F = ± 1%
J = ± 5%
(3) PACKAGING TYPE
K = Embossed taping reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
M = ± 75 ppm/°C
N = ± 175 ppm/°C
H = ± 225 ppm/°C
O = ± 325 ppm/°C
(5) TAPING REEL
13 = 13 inch Dia. reel, standard power, 3W for 3921 and 5W for 5931
P5 = 5W , 13 inch Dia. reel, 3921 only
P7 = 7W, 13 inch Dia. reel
P9 = 9W , 13 inch Dia. reel
T3 = 3W , High temperature 13 inch Dia. reel
T5 = 5W , High temperature 13 inch Dia. reel
PA= 10W, 13 inch Dia. reel
(6) RESISTANCE VALUE
0.2 mΩ to 4 mΩ
There are 3~5 digits indicated the resistance value. Letter R/ U is decimal point.
Detailed coding rules of resistance are shown in the table of “Resistance rule of
global part number”.
(7) DEFAULT CODE
Letter L is the system default code for ordering only. (Note)
ORDERING INFORMATION - GLOBAL PART NUMBER
Global part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
ORDERING EXAMPLE
The ordering code of a PU3921,
value 0.0005Ω with ±1%
tolerance, 3W and high
temperature(275°C) supplied in
13-inch tape reel is :
PU3921FKNT30U5L
Resistance rule of global part
number
Resistance code rule
Example
0RXXX
0UX
0R001 = 1 mΩ
0U2 = 0.0002 Ω
NOTE
1. All our RSMD products are RoHS compliant. "LFP" of the internal 2D reel label mentions
"Lead-Free Process"


Similar Part No. - PU5931FKMP70U2L

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PU5 GOOD-ARK-PU5 Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
logo
Powerbox
PU500 POWERBOX-PU500 Datasheet
243Kb / 3P
   4 0 0 - 5 0 0 WAT T S D C / D C I N D U S T R I A L C O N V E R T E R
PU500110-24 POWERBOX-PU500110-24 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
PU500110-28 POWERBOX-PU500110-28 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
PU500110-36 POWERBOX-PU500110-36 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
More results

Similar Description - PU5931FKMP70U2L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
   Shunt Resistor
PWR220S BOURNS-PWR220S Datasheet
301Kb / 4P
   Shunt Resistor
PWR220-2SAR040JE BOURNS-PWR220-2SAR040JE Datasheet
265Kb / 4P
   Shunt Resistor
logo
Riedon Powertron
MNRS1050 RIEDON-MNRS1050 Datasheet
197Kb / 2P
   Chip Shunt Resistor
MNRS10500R002F RIEDON-MNRS10500R002F Datasheet
149Kb / 2P
   Power Shunt Resistor
logo
Texas Instruments
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
KOA Speer Electronics, ...
PSBTTEB1L00F KOA-PSBTTEB1L00F Datasheet
241Kb / 2P
   chip type power shunt resistor
PSIDTEB KOA-PSIDTEB Datasheet
82Kb / 2P
   chip type power shunt resistor
logo
Vishay Siliconix
WSBS8518L5000JT34 VISHAY-WSBS8518L5000JT34 Datasheet
143Kb / 3P
   Power Metal Strip짰 Shunt Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com