Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

119K101-272N5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 119K101-272N5
Description  P-SMP STRAIGHT JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

119K101-272N5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  119K101-272N5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 119K101-272N5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
P-SMP
STRAIGHT JACK
119K101-272N5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
f(GHz)
Electrical data
Impedance
50
Frequency
DC to 10 GHz
Return loss
 30 dB, DC to 3 GHz
 25 dB, 3 to 6 GHz
Insertion loss
 0.03 x
dB
Insulation resistance
 5 G
Center contact resistance
 3.0 m
Outer contact resistance
 2.0 m
Test voltage (at sea level)
1000 V rms
Working voltage (at sea level)
480 V rms
Power handling (at 20 °C, sea level, VSWR 1.0)
 200 W @ 2.2 GHz
Intermodulation (3rd order)
 160 dBc (2 x 43 dBm)
Limitations are possible due to the applied cable type
Mechanical data
Mating cycles
if mating part is Smooth bore, Catchers mitt
 1000
if mating part is Limited detent
 100
if mating part is Full detent
 100
Center contact captivation: axial
 7 N
Engagement force:
-
Smooth bore, Catchers mitt
 10 N
-
Limited detent
 45 N
-
Full detent
 68 N
Disengagement force:
-
Smooth bore, Catchers mitt
 2.2 N
-
Limited detent
 15 N
-
Full detent
 25 N
Permissible angular misalignment
Environmental data
Temperature range
-65°C to +165°C
Rapid change of temperature
IEC 60169-1, Sub-clause 16.4 (-65°C to +165°C)
Vibration
IEC 60068-2-64 random
Shock
IEC 60068-2-27 (half-sine)
High temperature endurance
IEC 60169-1, Sub-clause 18 (+165°C, 1000 hours)
2002/95/EC (RoHS)
compliant
Weight
Weight
2.13 g/pc
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Gramsamer Josef
03.11.09
Aicher B.
10.03.14
d00
14-0352
T. Krojer
10.03.2014
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 119K101-272N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
119K101-272N5 ROSENBERGER-119K101-272N5 Datasheet
742Kb / 2P
   Straight Jack
19.10.20
More results

Similar Description - 119K101-272N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
19K101-272L5 ROSENBERGER-19K101-272L5 Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K101-272L5-NM ROSENBERGER-19K101-272L5-NM Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K101-271L5 ROSENBERGER-19K101-271L5 Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K107-271L5 ROSENBERGER-19K107-271L5 Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K102-101L5 ROSENBERGER-19K102-101L5 Datasheet
222Kb / 2P
   SMP STRAIGHT JACK
19K101-103L5 ROSENBERGER-19K101-103L5 Datasheet
222Kb / 2P
   SMP STRAIGHT JACK
19K107-270L5 ROSENBERGER-19K107-270L5 Datasheet
306Kb / 2P
   SMP STRAIGHT JACK
19K102-101L5-NM ROSENBERGER-19K102-101L5-NM Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K102-1X1L5 ROSENBERGER-19K102-1X1L5 Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K101-270L5 ROSENBERGER-19K101-270L5 Datasheet
773Kb / 2P
   SMP STRAIGHT JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com