Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA218EC6B Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # EA218EC6B
Description  EA218E 8-Port Ethernet Access Controller XpressFlow 2020 Ethernet Routing Switch Chipset
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

EA218EC6B Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button EA218EC6B Datasheet HTML 7Page - Zarlink Semiconductor Inc EA218EC6B Datasheet HTML 8Page - Zarlink Semiconductor Inc EA218EC6B Datasheet HTML 9Page - Zarlink Semiconductor Inc EA218EC6B Datasheet HTML 10Page - Zarlink Semiconductor Inc EA218EC6B Datasheet HTML 11Page - Zarlink Semiconductor Inc EA218EC6B Datasheet HTML 12Page - Zarlink Semiconductor Inc EA218EC6B Datasheet HTML 13Page - Zarlink Semiconductor Inc EA218EC6B Datasheet HTML 14Page - Zarlink Semiconductor Inc EA218EC6B Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
PRELIMINARY
INFORMATION
XpressFlow-2020 Series –
EA218E
Ethernet Switch Chipset
8-Port 10Mb Ethernet Access Controller
© 1998 Zarlink Semiconductor, Inc.
10
Rev.2.1 – February, 1999
2.2 Processor Bus Interface
Supports various industry standard micro-processors including:
Intel 186, 386, and 486 family or equivalent
Motorola MPC series embedded processors
Easily adapts to other industry standard CPUs
Provides separate Address and Data bus
Supports Big & Little Endian byte ordering
Supports 16-bit Data Bus
Supports early RDY cycle
Meets timing requirement for Intel/AMD 186 family proc-
essors
Supports 1X or 2X CPU Clock
2X CPU Clock for 386 family processors
Provides a single interrupt signal to Switch Manager CPU
2.2.1 Pin Description
Symbol
Type
Name and Functions
P_C[4:0]
CMOS Input
Processor Configuration bit [4:0]: – During the Reset Cycle, the P_C[4:0] pins provides the
processor configuration. By using external weak pull-up or -down resistors, they define the Ex-
ternal Management Bus Interface Configuration. These inputs are sampled at the trailing edge of
the Reset cycle.
C[0] – Defines the CPU Clock input is 1X or 2X clock
C[1] – Selects either Big or Little Endian byte ordering
C[2] – Defines the polarity of the P_RWC (Rd/Wr Control) input
C[3] – Defines the CPU Bus width – For EA-208, it is default to 16-bit CPU Bus interface, and
the setting of this bit is ignored.
C[4] – Defines the timing relationship between P_RDY and P_D[15:0] valid. If C[4] is High,
the P_D[15:0] are valid along in the same clock period as P_RDY is asserted. If C[4]
is Low, the P_RDY is asserted one clock period early ahead of the P_D[15:0] are
valid.
C[0]
C[1]
C[2]
C[3]
C[4]
CPU Clock
Byte Order
RWC
Bus Size
RDY Timing
Lo
1X Clock
Little Endian
P_R/W#
n/a
Normal
Hi
2x Clock
Big Endian
P_W/R#
n/a
Early
After RESET, these pins are used as XpressFlow Bus Data bit [31:27].
P_A[11:1]
TTL In (5VT)
Address Bus Bit [11:1] – I/O port address
P_D[15:0]
TTL I/O-TS (5VT) Data Bus Bit [15:0] – a 16-bit synchronous data bus.
P_ADS#
TTL In (5VT)
Address Strobe – indicates valid address is on the bus
P_RWC
TTL Input (5VT)
Read/Write Control – indicates the current bus cycle is a read or write cycle. C[1] defines the
polarity of this signal during the Reset cycle.
C[1]=Low
P_R/W# is used for PowerPC or other similar processors.
C[1]=High
P_W/R# is used for 386, 486 or other similar processors
P_RDY#
TTL Out-OD
Data Ready – timing indicates for bus data valid
P_BS16#
TTL Out-OD
Bus Size 16 – response to bus master that the EA208 only supports 16-bit data bus width.
P_CS#
TTL Input (5VT)
Chip Select – indicates the XpressFlow Engine is the target for the current bus operation.
P_INT
CMOS Output
Interrupt Request to Switch Manager CPU The polarity of this signal output is programmable
via chip configuration register.
P_RST#
TTL In-ST (5VT)
CPU Reset – Synchronous reset Input from Switch Manager CPU
P_CLK
TTL In (5VT)
CPU Clock – 2X Clock for 386 family, and 1X Clock for the others


Similar Part No. - EA218EC6B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
EA2100A020 MURATA-EA2100A020 Datasheet
168Kb / 3P
   Holds easily in equipment with adhesive tape
EA2100A050 MURATA-EA2100A050 Datasheet
170Kb / 3P
   Holds easily in equipment with adhesive tape
logo
Murata Manufacturing Co...
EA2100A050 MURATA1-EA2100A050 Datasheet
195Kb / 3P
   Magnetically shielded high-micro and high-loss characteristics can suppress noise in a wide frequency band for digital equipment.
08/24/2022
EA2100A050 MURATA1-EA2100A050_V01 Datasheet
195Kb / 3P
   Magnetically shielded high-micro and high-loss characteristics can suppress noise in a wide frequency band for digital equipment.
08/24/2022
logo
Murata Manufacturing Co...
EA2100A100 MURATA-EA2100A100 Datasheet
165Kb / 3P
   Holds easily in equipment with adhesive tape
More results

Similar Description - EA218EC6B

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SC220 ZARLINK-SC220 Datasheet
614Kb / 34P
   XpressFlow 2020 Ethernet Routing Switch Chipset
logo
PMC-Sierra, Inc
PM3350 PMC-PM3350 Datasheet
1,015Kb / 224P
   8 PORT ETHERNET SWITCH
logo
M-System Co.,Ltd.
SHSP MSYSTEM-SHSP Datasheet
119Kb / 5P
   8-PORT ETHERNET SWITCH
logo
Zarlink Semiconductor I...
EA-224 ZARLINK-EA-224 Datasheet
519Kb / 29P
   4-Port 10/100M Ethernet Access Controller
logo
PMC-Sierra, Inc
PM3380 PMC-PM3380 Datasheet
29Kb / 2P
   Gigabit Ethernet Switch Port Controller
logo
Level One
FSW-0811 LVL1-FSW-0811 Datasheet
354Kb / 3P
   8-Port Fast Ethernet Switch
FSW-0808TX LVL1-FSW-0808TX Datasheet
439Kb / 3P
   8-Port Fast Ethernet Switch
logo
ORing Industrial Networ...
TES-1080-M12-BP2 ORING-TES-1080-M12-BP2 Datasheet
3Mb / 4P
   8-port unmanaged Ethernet switch
logo
Level One
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
   8-Port Gigabit Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com