Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA218EI5B Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # EA218EI5B
Description  EA218E 8-Port Ethernet Access Controller XpressFlow 2020 Ethernet Routing Switch Chipset
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

EA218EI5B Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  EA218EI5B Datasheet HTML 1Page - Zarlink Semiconductor Inc EA218EI5B Datasheet HTML 2Page - Zarlink Semiconductor Inc EA218EI5B Datasheet HTML 3Page - Zarlink Semiconductor Inc EA218EI5B Datasheet HTML 4Page - Zarlink Semiconductor Inc EA218EI5B Datasheet HTML 5Page - Zarlink Semiconductor Inc EA218EI5B Datasheet HTML 6Page - Zarlink Semiconductor Inc EA218EI5B Datasheet HTML 7Page - Zarlink Semiconductor Inc EA218EI5B Datasheet HTML 8Page - Zarlink Semiconductor Inc EA218EI5B Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
PRELIMINARY
INFORMATION
© 1998 Zarlink Semiconductor, Inc.
1
Rev.2.1 – February, 1999
Distinctive Characteristics
8 10Mbps Ethernet Access Ports
Direct interface with 10BaseT
transceiver
0.5 micron 3.3 Volt CMOS process
352-BGA package
Operating frequency
-33
33 MHz maximum
-40
40 MHz maximum
-50
50 MHz maximum
-66
66.66 MHz maxi-
mum
32-bit Local Buffer Memory Interface
Supports 128k to 1M bytes
Utilize high performance 32-bit
Synchronous Burst SRAM
Hardware assisted Buffer and Queue
Management
16-bit Management Bus I/O Interface
Allows host to access Control
Registers & Local Buffer Memory
Big and Little Endian CPUs
Direct interface to standard micro-
processors, including 386, 486
families and Motorola MPC series
embedded processors
32-bit XpressFlow Bus Interface
Uses Granule for frame transfer-
ring between Access Controllers
Unicast, multicast, and broadcast
frames
Also detects IEEE 802.3X MAC
Control frames
Works together with SC-220 Xpress-
Flow Engine
Forwards frames at full line-rate
Distributed Flow Caching™ to re-
duce frame forwarding latency
Half and Full Duplex operation
Programmable Flow Control
Jam Collision for Half Duplex
Mode
Transmit Flow Control Frame for
IEEE 802.3x Full Duplex Mode
Supports Store-&-Forward frame forward-
EA218E – 8-Port Ethernet Access Controller
XpressFlow 2020 Ethernet Routing Switch Chipset
LOCAL
BUFFER
MEMORY
MANAGEMENT BUS
XPRESSFLOW BUS
16
32
EA-218E
8-Port Ethernet
Access Controller
10BaseT
Phyiscal Layer
Transceiver
Port
1
Port
7
Port
6
Port
5
Port
4
Port
3
Port
2
Port
0
8 10BaseT Ports
Block Diagram-
EA218E 8-Port Ethernet Access Controller
General Description
The EA-218E provides eight 10Mbps Ethernet network access interface ports.
The EA-218E provides the Ethernet MAC protocols, handles the local buffer memory
interface and management, arbitrates among multiple priority queues, and interfaces
with the XpressFlow Engine and other Access Controllers through the XpressFlow
message passing protocol.
Related Components:
SC220 – XpressFlow Engine
EA218 – 6-port 10 + 2-port 10/100 Ethernet Access Controller
EA234 – 4-port 10/100Mbps Ethernet Access Controller


Similar Part No. - EA218EI5B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
EA2100A020 MURATA-EA2100A020 Datasheet
168Kb / 3P
   Holds easily in equipment with adhesive tape
EA2100A050 MURATA-EA2100A050 Datasheet
170Kb / 3P
   Holds easily in equipment with adhesive tape
logo
Murata Manufacturing Co...
EA2100A050 MURATA1-EA2100A050 Datasheet
195Kb / 3P
   Magnetically shielded high-micro and high-loss characteristics can suppress noise in a wide frequency band for digital equipment.
08/24/2022
EA2100A050 MURATA1-EA2100A050_V01 Datasheet
195Kb / 3P
   Magnetically shielded high-micro and high-loss characteristics can suppress noise in a wide frequency band for digital equipment.
08/24/2022
logo
Murata Manufacturing Co...
EA2100A100 MURATA-EA2100A100 Datasheet
165Kb / 3P
   Holds easily in equipment with adhesive tape
More results

Similar Description - EA218EI5B

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SC220 ZARLINK-SC220 Datasheet
614Kb / 34P
   XpressFlow 2020 Ethernet Routing Switch Chipset
logo
PMC-Sierra, Inc
PM3350 PMC-PM3350 Datasheet
1,015Kb / 224P
   8 PORT ETHERNET SWITCH
logo
M-System Co.,Ltd.
SHSP MSYSTEM-SHSP Datasheet
119Kb / 5P
   8-PORT ETHERNET SWITCH
logo
Zarlink Semiconductor I...
EA-224 ZARLINK-EA-224 Datasheet
519Kb / 29P
   4-Port 10/100M Ethernet Access Controller
logo
PMC-Sierra, Inc
PM3380 PMC-PM3380 Datasheet
29Kb / 2P
   Gigabit Ethernet Switch Port Controller
logo
Level One
FSW-0811 LVL1-FSW-0811 Datasheet
354Kb / 3P
   8-Port Fast Ethernet Switch
FSW-0808TX LVL1-FSW-0808TX Datasheet
439Kb / 3P
   8-Port Fast Ethernet Switch
logo
ORing Industrial Networ...
TES-1080-M12-BP2 ORING-TES-1080-M12-BP2 Datasheet
3Mb / 4P
   8-port unmanaged Ethernet switch
logo
Level One
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
   8-Port Gigabit Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com