Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS12R885 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS12R885
Description  RTC with Constant-Voltage Trickle Charger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12R885 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS12R885 Datasheet HTML 7Page - Maxim Integrated Products DS12R885 Datasheet HTML 8Page - Maxim Integrated Products DS12R885 Datasheet HTML 9Page - Maxim Integrated Products DS12R885 Datasheet HTML 10Page - Maxim Integrated Products DS12R885 Datasheet HTML 11Page - Maxim Integrated Products DS12R885 Datasheet HTML 12Page - Maxim Integrated Products DS12R885 Datasheet HTML 13Page - Maxim Integrated Products DS12R885 Datasheet HTML 14Page - Maxim Integrated Products DS12R885 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
RTC with Constant-Voltage Trickle Charger
____________________________________________________________________
11
Pin Description (continued)
PIN
SO
EDIP
BGA
NAME
FUNCTION
18
18
A2
RESET
Reset Input. The
RESET pin has no effect on the clock, calendar, or RAM. On power-up,
the
RESET pin can be held low for a time to allow the power supply to stabilize. The
amount of time that
RESET is held low is dependent on the application. However, if RESET
is used on power-up, the time
RESET is low should exceed 200ms to ensure that the
internal timer that controls the DS12R885 on power-up has timed out. When
RESET is low
and VCC is above VPF, the following occurs:
A. Periodic interrupt-enable (PIE) bit is cleared to 0.
B. Alarm interrupt-enable (AIE) bit is cleared to 0.
C. Update-ended interrupt-enable (UIE) bit is cleared to 0.
D. Periodic-interrupt flag (PF) bit is cleared to 0.
E. Alarm-interrupt flag (AF) bit is cleared to 0.
F. Update-ended interrupt flag (UF) bit is cleared to 0.
G. Interrupt-request status flag (IRQF) bit is cleared to 0.
H.
IRQ pin is in the high-impedance state.
I. The device is not accessible until
RESET is returned high.
J. Square-wave output-enable (SQWE) bit is cleared to 0.
In a typical application,
RESET can be connected to VCC. This connection allows the
DS12R885 to go in and out of power fail without affecting any of the control registers.
19
19
A4
IRQ
Interrupt Request Output. The
IRQ pin is an active-low output of the DS12R885 that can be
used as an interrupt input to a processor. The
IRQ output remains low as long as the
status bit causing the interrupt is present and the corresponding interrupt-enable bit is set.
The processor program normally reads the C register to clear the
IRQ pin. The RESET pin
also clears pending interrupts. When no interrupt conditions are present, the
IRQ level is in
the high-impedance state. Multiple interrupting devices can be connected to an
IRQ bus,
provided that they are all open drain. The
IRQ pin is an open-drain output and requires an
external pullup resistor to VCC.
20
VBACKUP
Connection for Rechargeable Battery or Super Cap. This pin provides trickle charging
when VCC is greater than VBACKUP.
21
A5
RCLR
RAM Clear. The active-low
RCLR pin is used to clear (set to logic 1) all 114 bytes of
general-purpose RAM, but does not affect the RAM associated with the RTC. To clear the
RAM,
RCLR must be forced to an input logic 0 during battery-backup mode when VCC is
not applied. The
RCLR function is designed to be used through a human interface
(shorting to ground manually or by a switch) and not to be driven with external buffers.
This pin is internally pulled up. Do not use an external pullup resistor on this pin.
23
23
C4
SQW
Square-Wave Output. The SQW pin can output a signal from one of 13 taps provided by
the 15 internal divider stages of the RTC. The frequency of the SQW pin can be changed
by programming Register A, as shown in Table 1. The SQW signal can be turned on and
off using the SQWE bit in Register B. The SQW signal is not available when VCC is less
than VPF.
24
24
A6–A8,
B1–B8,
C6–C8
VCC
DC Power Pin for Primary Power Supply. When VCC is applied within normal limits, the
device is fully accessible and data can be written and read. When VCC is below VPF reads
and writes are inhibited.


Similar Part No. - DS12R885

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS12R885 MAXIM-DS12R885 Datasheet
342Kb / 23P
   RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
logo
Dallas Semiconductor
DS12R885-33 DALLAS-DS12R885-33 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885-33 MAXIM-DS12R885-33 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
More results

Similar Description - DS12R885

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS12R885 MAXIM-DS12R885_10 Datasheet
342Kb / 23P
   RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com