Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

335LC5750K5PM8 Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 335LC5750K5PM8
Description  High AC Voltage - High current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

335LC5750K5PM8 Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  335LC5750K5PM8 Datasheet HTML 1Page - Illinois Capacitor, Inc. 335LC5750K5PM8 Datasheet HTML 2Page - Illinois Capacitor, Inc. 335LC5750K5PM8 Datasheet HTML 3Page - Illinois Capacitor, Inc. 335LC5750K5PM8 Datasheet HTML 4Page - Illinois Capacitor, Inc. 335LC5750K5PM8 Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
High AC Voltage - High current
APPLICATIONS
Induction Heating - Tank Circuits
KVAR
500
CAPACITANCE TOLERANCE
+/-10%
MAXIMUM CORE TEMPERATURE
+85°C
SURFACE TEMPERATURE
+45°C
(Above 45°C the KVAR rating must be de-rated by 2.25%/°C)
CONSTRUCTION
Self-healing
SELF INDUCTANCE
<3 nH
DIELECTRIC
Polypropylene
FLAME RETARDANT
UL94V0
Standard part listing
Capacitance
(μF)
VAC
IC PART number
Maximum
RMS
current
(A)
MAX
power
kvar
Frequency
range
(kHz)
ESR
(mΩ)
100kHz,
+25°C
Dimensions (mm)
Terminal
Style
B
H
L
1.2
1100
125LC5112K5PM8
600
500
55
‐96
1.5
54
100
100
5PM8
1.4
1100
145LC5112K5PM8
600
500
46
‐83
1.2
54
100
100
5PM8
3.0
750
305LC5750K5PM8
800
500
47
‐68
1.1
54
100
100
5PM8
3.3
750
335LC5750K5PM8
800
500
43
‐62
1.0
54
100
100
5PM8
4.0
900
405LC5900K5PM8
700
500
25
‐39
0.9
54
100
100
5PM8
5.6
700
565LC5700K5PM8
1000
500
29
‐57
0.9
54
100
100
5PM8
6.3
700
635LC5700K5PM8
1000
500
26
‐51
0.8
54
100
100
5PM8
8.5
700
855LC5700K5PM8
1000
500
19
‐38
0.7
54
100
100
5PM8
10
700
106LC5700K5PM8
1000
500
16
‐32
0.6
54
100
100
5PM8
21
500
216LC5500K5PM8
1000
500
15
0.4
54
100
100
5PM8
27
550
276LC5550K5PM8
1000
500
10
‐12
0.3
54
100
100
5PM8
33
500
336LC5500K5PM8
1000
500
10
0.3
54
100
100
5PM8
37
500
376LC5500K5PM8
1000
500
9
0.2
54
100
100
5PM8


Similar Part No. - 335LC5750K5PM8

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
335LCA050M ILLINOISCAPACITOR-335LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
More results

Similar Description - 335LC5750K5PM8

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LC4 ILLINOISCAPACITOR-LC4 Datasheet
630Kb / 3P
   High AC Voltage - High current
HC1 ILLINOISCAPACITOR-HC1 Datasheet
894Kb / 4P
   High AC Voltage - High current
HC3 ILLINOISCAPACITOR-HC3 Datasheet
1Mb / 4P
   High AC Voltage - High current
HC4 ILLINOISCAPACITOR-HC4 Datasheet
1Mb / 6P
   High AC Voltage - High current
LC2 ILLINOISCAPACITOR-LC2 Datasheet
610Kb / 3P
   High AC Voltage - High current
LC3 ILLINOISCAPACITOR-LC3 Datasheet
943Kb / 4P
   High AC Voltage - High current
HC2 ILLINOISCAPACITOR-HC2 Datasheet
837Kb / 4P
   High AC Voltage - High current
HC6 ILLINOISCAPACITOR-HC6 Datasheet
771Kb / 3P
   High AC Voltage - High current
HC5 ILLINOISCAPACITOR-HC5 Datasheet
1Mb / 5P
   High AC Voltage - High current
LC6 ILLINOISCAPACITOR-LC6 Datasheet
623Kb / 3P
   High AC Voltage - High current
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com