Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLJ14SP-53M53M-X-00 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # SLJ14SP-53M53M-X-00
Description  1/4" JUMPER N MALE / N MALE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

SLJ14SP-53M53M-X-00 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  SLJ14SP-53M53M-X-00 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG SLJ14SP-53M53M-X-00 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet DRAFT
¼” JUMPER
N MALE / N MALE
SLJ14SP-53M53M-X-00
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 2
Function Description
This part is a coaxial cable assembly for telecommunication equipment. It consists of ¼” super flexible coaxial
cable with PE jacket and two N male connectors. The assembly is waterproof in mated condition and UV
protected.
Available Variants
The assembly is available in lengths from 0.5 m to 10 m in intervals of 0.5 m. Different feet length are available
on request.
Assembly Parts
Connector
N male connectors plated with white bronze
Cable
S-Link ¼”S, PE jacket
Marking 1
Direct print onto the cable or one wrapping label
Marking includes manufacturer, part nr. & batch no.
Marking 2
Direct print onto the cable or on wrapping label
Marking includes “Rosenberger factory made”
Position in the middle of the cable
Bend Protection
molding material PE compound


Similar Part No. - SLJ14SP-53M53M-X-00

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLJ14SP-53M53R-X-00 ROSENBERGER-SLJ14SP-53M53R-X-00 Datasheet
549Kb / 2P
   1/4" JUMPER N MALE / N R/A MALE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com