Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHF1.5KE15A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CHF1.5KE15A
Description  FLIP CHIP TVS DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CHF1.5KE15A Datasheet(HTML) 1 Page - Microsemi Corporation

  CHF1.5KE15A Datasheet HTML 1Page - Microsemi Corporation CHF1.5KE15A Datasheet HTML 2Page - Microsemi Corporation CHF1.5KE15A Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC0996.PDF
ISO 9001 CERTIFIED
REV F 7/20/00
8700 E. Thomas Road
Scottsdale, AZ 85251
PH: (480) 941-6300
FAX: (480) 947-1503
FEATURES
MAXIMUM RATINGS MECHANICAL
Unidirectional and Bidirectional
• Max Junction Temperature: 1750C
Fully glass passivated
• Storage Temperature: -550C to +1750C
1500 watt (10/1000
µs)
• Flip Chip Peak Pulse Power: 1500 Watts (10/1000 µs)
Eliminates wire bonding
• Maximum non-repetitive peak power 1500 Watts
No overshoot
(10/1000
µs)
NON Inductive Insertion
• Total continuous power dissipation @ T
lead = 75
0C 2.5 W
• Turn-on time (theoretical) unidirectional 1X10-12
• Turn-on time (theoretical) bidirectional 1X10-9
MECHANICAL
Weight: 0.3 grams (approximate)
PACKAGING
Cathode mark on top side
Waffle package
Metallization Cr - Ag – Au (Both Sides)
50 pieces per pack (STANDARD)
BIDIRECTIONAL ALL DIMENSIONS NOMINAL
FLIP CHIP DIMENSIONS
PAD SIZE & CIRCUIT
FLIP CHIP TVS DIODES
CHF1.5KE6.8
thru
CHF1.5KE400CA
Patented Flip Chip Series


Similar Part No. - CHF1.5KE15A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHF11050CBF BOURNS-CHF11050CBF Datasheet
189Kb / 1P
   400 W Power RF Flanged Resistor
CHF11050CBF500L BOURNS-CHF11050CBF500L Datasheet
189Kb / 1P
   400 W Power RF Flanged Resistor
CHF11050CBF500R BOURNS-CHF11050CBF500R Datasheet
189Kb / 1P
   400 W Power RF Flanged Resistor
CHF1206CNT BOURNS-CHF1206CNT Datasheet
165Kb / 1P
   20 W Power RF Chip Termination
CHF1206CNT BOURNS-CHF1206CNT Datasheet
351Kb / 6P
   Selecting the Right Resistor for Your Application
More results

Similar Description - CHF1.5KE15A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SFC05-4 SEMTECH-SFC05-4 Datasheet
174Kb / 7P
   CSP TVS Flip Chip TVS Diode Array
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_12 Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
SFC05-4 PROTEC-SFC05-4_11 Datasheet
917Kb / 10P
   300w flip chip tvs array
P0404FC3.3C PROTEC-P0404FC3.3C_11 Datasheet
534Kb / 8P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_12 Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
SFC05-4 PROTEC-SFC05-4_12 Datasheet
918Kb / 10P
   300W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
SFC05-5 PROTEC-SFC05-5_10 Datasheet
932Kb / 10P
   250w flip chip tvs array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com