Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSD301T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMSD301T1G
Description  SOD-123 Schottky Barrier Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSD301T1G Datasheet(HTML) 2 Page - ON Semiconductor

  MMSD301T1G_11 Datasheet HTML 1Page - ON Semiconductor MMSD301T1G_11 Datasheet HTML 2Page - ON Semiconductor MMSD301T1G_11 Datasheet HTML 3Page - ON Semiconductor MMSD301T1G_11 Datasheet HTML 4Page - ON Semiconductor MMSD301T1G_11 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMSD301T1G, SMMSD301T1G, MMSD701T1G, SMMSD701T1G,
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 mA)
MMSD301T1G, SMMSD301T1G
MMSD701T1G, SMMSD701T1G
V(BR)R
30
70
V
Diode Capacitance
(VR = 0 V, f = 1.0 MHz)
MMSD301T1G, SMMSD301T1G
MMSD701T1G, SMMSD701T1G
CT
0.9
0.5
1.5
1.0
pF
Total Capacitance
(VR = 15 V, f = 1.0 MHz)
MMSD301T1G, SMMSD301T1G
(VR = 20 V, f = 1.0 MHz)
MMSD701T1G, SMMSD701T1G
CT
0.9
0.5
1.5
1.0
pF
Reverse Leakage
(VR = 25 V)
MMSD301T1G, SMMSD301T1G
(VR = 35 V)
MMSD701T1G, SMMSD701T1G
IR
13
9.0
200
200
nAdc
Forward Voltage
(IF = 1.0 mAdc)
MMSD301T1G, SMMSD301T1G
(IF = 10 mA)
(IF = 1.0 mAdc)
MMSD701T1G, SMMSD701T1G
(IF = 10 mA)
VF
0.38
0.52
0.42
0.7
0.45
0.6
0.5
1.0
Vdc


Similar Part No. - MMSD301T1G_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSD301T1G ONSEMI-MMSD301T1G Datasheet
132Kb / 5P
   SOD-123 Schottky Barrier Diodes
October, 2010 -- Rev. 5
More results

Similar Description - MMSD301T1G_11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSD301T1 MOTOROLA-MMSD301T1 Datasheet
94Kb / 6P
   SOD-123 Schottky Barrier Diodes
logo
ON Semiconductor
MMSD301T1 ONSEMI-MMSD301T1 Datasheet
54Kb / 8P
   SOD-123 Schottky Barrier Diodes
September, 2001 ??Rev. 2
MMSD301T1G ONSEMI-MMSD301T1G Datasheet
132Kb / 5P
   SOD-123 Schottky Barrier Diodes
October, 2010 -- Rev. 5
logo
Jinan Jingheng (Group) ...
B0520W JINANJINGHENG-B0520W Datasheet
259Kb / 2P
   SOD-123 Plastic-Encapsulate Schottky Barrier Diode
logo
Jiangsu High diode Semi...
BZT52B-SOD123 HDSEMI-BZT52B-SOD123 Datasheet
1Mb / 5P
   SOD 123 Plastic-Encapsulate Diodes
logo
UN Semiconducctor INC
BAT43W UNSEMI-BAT43W Datasheet
2Mb / 4P
   SOD-123 Plastic-Encapsulate Diodes
Revision March 1,2022
logo
Jiangsu High diode Semi...
1N4448WT5 HDSEMI-1N4448WT5 Datasheet
1Mb / 5P
   SOD-123 Plastic-Encapsulate Diodes
1N4148W HDSEMI-1N4148W Datasheet
1Mb / 5P
   SOD-123 Plastic-Encapsulate Diodes
1N5819W HDSEMI-1N5819W Datasheet
1Mb / 4P
   SOD 123 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
1N4148W WILLAS-1N4148W Datasheet
375Kb / 3P
   SOD-123 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com