Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HCT4052ADR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HCT4052ADR2G
Description  Analog Multiplexers / Demultiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT4052ADR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HCT4052ADR2G Datasheet HTML 1Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 2Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 3Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 8Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC74HCT4051A, MC74HCT4052A, MC74HCT4053A
http://onsemi.com
3
Figure 5. Logic Diagram − MC74HCT4053A
Triple Single−Pole, Double−Position Plus Common Off
X0
12
X1
13
A
11
B
10
C
9
ENABLE
6
X SWITCH
Y SWITCH
X
14
ANALOG
INPUTS/OUTPUTS
CHANNEL‐SELECT
INPUTS
PIN 16 = VCC
PIN 7 = VEE
PIN 8 = GND
COMMON
OUTPUTS/INPUTS
L
L
L
L
H
H
H
H
X
L
L
H
H
L
L
H
H
X
L
H
L
H
L
H
L
H
X
FUNCTION TABLE − MC74HCT4053A
Control Inputs
ON Channels
Enable
Select
CBA
L
L
L
L
L
L
L
L
H
X = Don’t Care
Figure 6. Pinout: MC74HCT4053A (Top View)
15
16
14
13
12
11
10
2
1
345
67
VCC
9
8
Y
X
X1
X0
A
B
C
Y1
Y0
Z1
Z
Z0
Enable VEE
GND
Z0
Z0
Z0
Z0
Z1
Z1
Z1
Z1
Y0
Y0
Y1
Y1
Y0
Y0
Y1
Y1
X0
X1
X0
X1
X0
X1
X0
X1
NONE
Y0
2
Y1
1
Y
15
Z0
5
Z1
3
Z
4
Z SWITCH
NOTE: This device allows independent control of each switch.
Channel−Select Input A controls the X−Switch, Input B controls
the Y−Switch and Input C controls the Z−Switch
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
(Referenced to GND)
(Referenced to VEE)
−0.5 to +7.0
−0.5 to +14.0
V
VEE
Negative DC Supply Voltage (Referenced to GND)
−7.0 to +5.0
V
VIS
Analog Input Voltage
VEE − 0.5 to
VCC + 0.5
V
Vin
Digital Input Voltage (Referenced to GND)
−0.5 to VCC + 0.5
V
I
DC Current, Into or Out of Any Pin
±25
mA
PD
Power Dissipation in Still Air,
SOIC Package†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature Range
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress
ratings only. Functional operation above the Recommended Operating Conditions is not implied.
Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
†Derating − SOIC Package: − 7 mW/°C from 65°C to 125°C
TSSOP Package: − 6.1 mW/°C from 65°C to 125°C
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - MC74HCT4052ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT4052ADR2G ONSEMI-MC74HCT4052ADR2G Datasheet
262Kb / 18P
   Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
January, 2010 ??Rev. 0
More results

Similar Description - MC74HCT4052ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com