Electronic Components Datasheet Search |
|
M74HCT4051ADTR2G Datasheet(PDF) 10 Page - ON Semiconductor |
|
M74HCT4051ADTR2G Datasheet(HTML) 10 Page - ON Semiconductor |
10 / 16 page MC74HCT4051A, MC74HCT4052A, MC74HCT4053A http://onsemi.com 10 RL Figure 18. Crosstalk Between Any Two Switches, Test Set−Up Figure 19. Power Dissipation Capacitance, Test Set−Up Figure 20a. Total Harmonic Distortion, Test Set−Up Figure 20b. Plot, Harmonic Distortion 0 -10 -20 -30 -40 -50 - 100 1.0 2.0 3.125 FREQUENCY (kHz) -60 -70 -80 -90 FUNDAMENTAL FREQUENCY DEVICE SOURCE ON 6 7 8 16 VEE CL* *Includes all probe and jig capacitance OFF RL RL VIS RL CL* VOS fin 0.1 mF ON/OFF 6 7 8 16 VCC CHANNEL SELECT NC COMMON O/I OFF/ON ANALOG I/O VCC A 11 VCC VEE ON 6 7 8 16 VCC VEE 0.1 mF CL* fin RL TO DISTORTION METER *Includes all probe and jig capacitance VOS VIS Figure 20. APPLICATIONS INFORMATION The maximum analog voltage swings are determined by the supply voltages VCC and VEE. The positive peak analog voltage should not exceed VCC. Similarly, the negative peak analog voltage should not go below VEE. In this example, the difference between VCC and VEE is ten volts. Therefore, using the configuration of Figure 21, a maximum analog signal of ten volts peak−to−peak can be controlled. Unused analog inputs/outputs may be left floating (i.e., not connected). However, tying unused analog inputs and outputs to VCC or GND through a low value resistor helps minimize crosstalk and feed−through noise that may be picked up by an unused switch. Although used here, balanced supplies are not a requirement. The only constraints on the power supplies are that: VCC − GND = 2 to 6 V VEE − GND = 0 to −6 V VCC − VEE = 2 to 12 V and VEE ≤ GND When voltage transients above VCC and/or below VEE are anticipated on the analog channels, external Germanium or Schottky diodes (Dx) are recommended as shown in Figure 22. These diodes should be able to absorb the maximum anticipated current surges during clipping. |
Similar Part No. - M74HCT4051ADTR2G |
|
Similar Description - M74HCT4051ADTR2G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |