Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX257DTG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LVX257DTG
Description  Quad 2-Channel Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX257DTG Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LVX257DTG Datasheet HTML 1Page - ON Semiconductor MC74LVX257DTG Datasheet HTML 2Page - ON Semiconductor MC74LVX257DTG Datasheet HTML 3Page - ON Semiconductor MC74LVX257DTG Datasheet HTML 4Page - ON Semiconductor MC74LVX257DTG Datasheet HTML 5Page - ON Semiconductor MC74LVX257DTG Datasheet HTML 6Page - ON Semiconductor MC74LVX257DTG Datasheet HTML 7Page - ON Semiconductor MC74LVX257DTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74LVX257
http://onsemi.com
5
NOISE CHARACTERISTICS Input tr = tf = 3.0 ns, CL = 50 pF, VCC = 3.3 V
Symbol
Characteristic
TA = 25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
0.3
0.5
V
VOLV
Quiet Output Minimum Dynamic VOL
−0.3
−0.5
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V
A, B or S
Figure 4. Switching Waveform
Figure 5. Switching Waveform
Figure 6. Test Circuit
VCC
GND
Y
tPHL
tPLH
50%
50% VCC
Figure 7. Test Circuit
INPUT
*Includes all probe and jig capacitance
OUTPUT
TEST POINT
CL *
1 k
W
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
DEVICE
UNDER
TEST
Figure 8. Input Equivalent Circuit
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
50%
50% VCC
50% VCC
VCC
GND
HIGH
IMPEDANCE
VOL + 0.3V
VOH - 0.3V
Y
Y
OE
tPZL
tPLZ
tPZH
tPHZ
HIGH
IMPEDANCE


Similar Part No. - MC74LVX257DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX257DT ONSEMI-MC74LVX257DT Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
March, 2005 ??Rev. 3
MC74LVX257DTR2 ONSEMI-MC74LVX257DTR2 Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
March, 2005 ??Rev. 3
More results

Similar Description - MC74LVX257DTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHCT157A ONSEMI-MC74VHCT157A Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer
April, 2001 ??Rev. 1
logo
Toshiba Semiconductor
TC74AC157P TOSHIBA-TC74AC157P Datasheet
266Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
   Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
   Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
logo
Motorola, Inc
MC74VHC157 MOTOROLA-MC74VHC157 Datasheet
149Kb / 6P
   Quad 2-Channel Multiplexer
logo
STMicroelectronics
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com