Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC74 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74VHC74
Description  Dual D-Type Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC74 Datasheet(HTML) 2 Page - ON Semiconductor

  MC74VHC74_11 Datasheet HTML 1Page - ON Semiconductor MC74VHC74_11 Datasheet HTML 2Page - ON Semiconductor MC74VHC74_11 Datasheet HTML 3Page - ON Semiconductor MC74VHC74_11 Datasheet HTML 4Page - ON Semiconductor MC74VHC74_11 Datasheet HTML 5Page - ON Semiconductor MC74VHC74_11 Datasheet HTML 6Page - ON Semiconductor MC74VHC74_11 Datasheet HTML 7Page - ON Semiconductor MC74VHC74_11 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74VHC74
http://onsemi.com
2
SD1
CP1
D1
RD1
11
12
13
14
8
9
10
5
4
3
2
1
7
6
SD2
CP2
D2
RD2
VCC
Q2
Q2
GND
Q1
Q1
Figure 2. PIN ASSIGNMENT
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
– 0.5 to + 7.0
V
Vin
DC Input Voltage
– 0.5 to + 7.0
V
Vout
DC Output Voltage
– 0.5 to VCC + 0.5
V
IIK
Input Diode Current
−20
mA
IOK
Output Diode Current
±20
mA
Iout
DC Output Current, per Pin
±25
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air,
SOIC Packages†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
–65 to +150
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress
ratings only. Functional operation above the Recommended Operating Conditions is not implied.
Extended exposure to stresses above the Recommended Operating Conditions may affect device
reliability.
†Derating
SOIC Packages: – 7 mW/_C from 65_ to 125_C
TSSOP Package: − 6.1 mW/_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
2.0
5.5
V
Vin
DC Input Voltage
0
5.5
V
Vout
DC Output Voltage
0
VCC
V
TA
Operating Temperature, All Package Types
−55
+ 125
_C
tr, tf
Input Rise and Fall Time
VCC = 3.3V ±0.3V
VCC =5.0V ±0.5V
0
0
100
20
ns/V
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - MC74VHC74_11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC74D MOTOROLA-MC74VHC74D Datasheet
153Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74VHC74DR2 ONSEMI-MC74VHC74DR2 Datasheet
159Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
MC74VHC74DR2G ONSEMI-MC74VHC74DR2G Datasheet
159Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
logo
Motorola, Inc
MC74VHC74DT MOTOROLA-MC74VHC74DT Datasheet
153Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74VHC74DT ONSEMI-MC74VHC74DT Datasheet
159Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
More results

Similar Description - MC74VHC74_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com