Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX257 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LVX257
Description  Quad 2-Channel Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX257 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVX257 Datasheet HTML 1Page - ON Semiconductor MC74LVX257 Datasheet HTML 2Page - ON Semiconductor MC74LVX257 Datasheet HTML 3Page - ON Semiconductor MC74LVX257 Datasheet HTML 4Page - ON Semiconductor MC74LVX257 Datasheet HTML 5Page - ON Semiconductor MC74LVX257 Datasheet HTML 6Page - ON Semiconductor MC74LVX257 Datasheet HTML 7Page - ON Semiconductor MC74LVX257 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74LVX257
http://onsemi.com
4
DC CHARACTERISTICS (Voltages Referenced to GND)
VCC
TA = 25°C
−40°C ≤ TA ≤ 85°C
Symbol
Parameter
Condition
(V)
Min
Typ
Max
Min
Max
Unit
VIH
Minimum High−Level
Input Voltage
2.0
3.0
3.6
0.75 VCC
0.7 VCC
0.7 VCC
0.75 VCC
0.7 VCC
0.7 VCC
V
VIL
Maximum Low−Level
Input Voltage
2.0
3.0
3.6
0.25 VCC
0.3 VCC
0.3 VCC
0.25 VCC
0.3 VCC
0.3 VCC
V
VOH
High−Level Output
Voltage
IOH = −50 mA
IOH = −50 mA
IOH = −4 mA
2.0
3.0
3.0
1.9
2.9
2.58
2.0
3.0
1.9
2.9
2.48
V
VOL
Low−Level Output
Voltage
IOL = 50 mA
IOL = 50 mA
IOL = 4 mA
2.0
3.0
3.0
0.0
0.0
0.1
0.1
0.36
0.1
0.1
0.44
V
IOZ
Maximum 3−State
Leakage Current
VIN = VIH or VIL
VOUT = VCC or GND
3.6
±0.1
±1.0
mA
IIN
Input Leakage Current
VIN = 5.5 V or GND
0 to 3.6
±0.1
±1.0
mA
ICC
Maximum Quiescent
Supply Current
(per package)
VIN = VCC or GND
3.6
1.0
1.0
2.0
40
mA
AC ELECTRICAL CHARACTERISTICS Input tr = tf = 3.0 ns
Symbol
Parameter
Test Conditions
TA = 25°C
−40°C ≤ TA ≤ 85°C
Unit
Min
Typ
Max
Min
Max
tPLH,
tPHL
Maximum Propagation
Delay, A or B to Y
VCC = 2.7 V
CL = 15pF
CL = 50pF
6.5
9.5
10.0
14.0
1.0
1.0
15.0
18.5
ns
VCC = 3.3 V ± 0.3 V
CL = 15pF
CL = 50pF
4.5
7.5
8.0
12.0
1.0
1.0
10.0
13.5
tPLH,
tPHL
Maximum Propagation
Delay, S to Y
VCC = 2.7 V
CL = 15pF
CL = 50pF
8.0
10.5
12.0
15.5
1.0
1.0
17.0
20.0
ns
VCC = 3.3 V ± 0.3 V
CL = 15pF
CL = 50pF
6.0
8.5
10.0
13.5
1.0
1.0
12.0
15.5
tPZL,
tPZH
Maximum Output
Enable, Time, OE to Y
VCC = 2.7 V
CL = 15pF
RL = 1 kW
CL = 50pF
7.5
10.5
11.5
15.0
1.0
1.0
16.5
18.0
ns
VCC = 3.3 V ± 0.3 V
CL = 15pF
RL = 1 kW
CL = 50pF
5.5
8.5
9.5
13.0
1.0
1.0
11.5
15.0
tPLZ,
tPHZ
Maximum Output
Disable, Time, OE to Y
VCC = 2.7
CL = 50pF
RL = 1 kW
13.0
17.0
1.0
18.0
ns
VCC = 3.3 V ± 0.3 V
CL = 50pF
RL = 1 kW
12
17.0
1.0
18.0
CIN
Maximum Input
Capacitance
4
10
10
pF
CPD
Power Dissipation Capacitance (Note 5)
Typical @ 25°C, VCC = 3.3 V
pF
20
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - MC74LVX257

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX257 ONSEMI-MC74LVX257 Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
March, 2005 ??Rev. 3
MC74LVX257D ONSEMI-MC74LVX257D Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
March, 2005 ??Rev. 3
MC74LVX257DG ONSEMI-MC74LVX257DG Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
March, 2005 ??Rev. 3
MC74LVX257DR2 ONSEMI-MC74LVX257DR2 Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
March, 2005 ??Rev. 3
MC74LVX257DR2G ONSEMI-MC74LVX257DR2G Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
March, 2005 ??Rev. 3
More results

Similar Description - MC74LVX257

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHCT157A ONSEMI-MC74VHCT157A Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer
April, 2001 ??Rev. 1
logo
Toshiba Semiconductor
TC74AC157P TOSHIBA-TC74AC157P Datasheet
266Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
   Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
   Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
logo
Motorola, Inc
MC74VHC157 MOTOROLA-MC74VHC157 Datasheet
149Kb / 6P
   Quad 2-Channel Multiplexer
logo
STMicroelectronics
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com