Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX257 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LVX257
Description  Quad 2-Channel Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX257 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LVX257 Datasheet HTML 1Page - ON Semiconductor MC74LVX257 Datasheet HTML 2Page - ON Semiconductor MC74LVX257 Datasheet HTML 3Page - ON Semiconductor MC74LVX257 Datasheet HTML 4Page - ON Semiconductor MC74LVX257 Datasheet HTML 5Page - ON Semiconductor MC74LVX257 Datasheet HTML 6Page - ON Semiconductor MC74LVX257 Datasheet HTML 7Page - ON Semiconductor MC74LVX257 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.
MC74LVX257
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
−0.5 to +7.0
V
VIN
Digital Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
−0.5 to VCC +0.5
V
IIK
Input Diode Current
−20
mA
IOK
Output Diode Current
$20
mA
IOUT
DC Output Current, per Pin
$25
mA
ICC
DC Supply Current, VCC and GND Pins
$75
mA
PD
Power Dissipation in Still Air
SOIC Package
TSSOP
200
180
mW
TSTG
Storage Temperature Range
−65 to +150
°C
VESD
ESD Withstand Voltage
Human Body Model (Note 1)
Machine Model (Note 2)
Charged Device Model (Note 3)
>2000
>200
>2000
V
ILATCHU
P
Latchup Performance
Above VCC and Below GND at 125°C (Note 4)
$300
mA
qJA
Thermal Resistance, Junction−to−Ambient
SOIC Package
TSSOP
143
164
°C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Tested to EIA/JESD22−A114−A
2. Tested to EIA/JESD22−A115−A
3. Tested to JESD22−C101−A
4. Tested to EIA/JESD78
RECOMMENDED OPERATING CONDITIONS
Symbol
Characteristics
Min
Max
Unit
VCC
DC Supply Voltage
2.0
3.6
V
VIN
DC Input Voltage
0
5.5
V
VOUT
DC Output Voltage
0
VCC
V
TA
Operating Temperature Range, all Package
Types
−40
85
°C
tr, tf
Input Rise or Fall Time
VCC = 3.3 V + 0.3 V
0
100
ns/V


Similar Part No. - MC74LVX257

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX257 ONSEMI-MC74LVX257 Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
March, 2005 ??Rev. 3
MC74LVX257D ONSEMI-MC74LVX257D Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
March, 2005 ??Rev. 3
MC74LVX257DG ONSEMI-MC74LVX257DG Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
March, 2005 ??Rev. 3
MC74LVX257DR2 ONSEMI-MC74LVX257DR2 Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
March, 2005 ??Rev. 3
MC74LVX257DR2G ONSEMI-MC74LVX257DR2G Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
March, 2005 ??Rev. 3
More results

Similar Description - MC74LVX257

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHCT157A ONSEMI-MC74VHCT157A Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer
April, 2001 ??Rev. 1
logo
Toshiba Semiconductor
TC74AC157P TOSHIBA-TC74AC157P Datasheet
266Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
   Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
   Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
logo
Motorola, Inc
MC74VHC157 MOTOROLA-MC74VHC157 Datasheet
149Kb / 6P
   Quad 2-Channel Multiplexer
logo
STMicroelectronics
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com