Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRX14 Datasheet(PDF) 3 Page - STMicroelectronics

Part # CRX14
Description  Low Cost 13.56MHz / I짼C Short Range Contactless Coupler Chip with anti-collision, CRC management and anti-clone function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CRX14 Datasheet(HTML) 3 Page - STMicroelectronics

  CRX14 Datasheet HTML 1Page - STMicroelectronics CRX14 Datasheet HTML 2Page - STMicroelectronics CRX14 Datasheet HTML 3Page - STMicroelectronics CRX14 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
CRX14
The CRX14 is organized in four blocks:
– The I²C bus controller handles the serial con-
nection with the application host. It is compliant
with the 400kHz I²C bus specification and it con-
trols the read/write access to all the CRX14 reg-
isters.
– The RAM buffer is bi-directional. It stores all the
request frame bytes to be transmitted to the tag
and all received bytes send by the tag on the an-
swer frame.
– The transmitter powers all the contactless tags,
within range, by generating a RF magnetic field
at 13.56MHz on an external antenna. The field
is 10% modulated using ASK (amplitude shift
keying) modulation for outgoing data.
– The receiver demodulates the signal generated
on the antenna by the load variation of the con-
tactless tag. The resulting signal is decoded by
a 847KHz BPSK (binary phase shift keying)
sub-carrier decoder.
The CRX14 is designed to be connected to a dig-
ital host (Microcontroller or ASIC) which has to
manage all the communication protocol in both
transmit and receive mode through the I²C serial
bus.
CRX14 DEVICE OPERATION
The CRX14 chip coupler provides four volatile reg-
isters. They control all the behaviour of the device
and are described in Table 2.
Table 2. CRX14 Control Registers
PART NUMBERING
For a list of available options (speed, package,
etc.) or for further information on any aspect of this
device, please contact your nearest ST Sales Of-
fice.
Table 3. Ordering Information Scheme
I2C Address
Access
Purpose
00h
Parameters register
W
Set parameter register
R
Read parameter register
01h
Input/Output frame register
W
Store and send request frame to the tag.
Store tag answer frame
R
Transfer register content to Host
02h
Authenticate register
W
Start the Authenticate process
R
Get the Authenticate status
03h
Slot Marker register
W
Launch the automated anti-collision process
R
Not Applicable. Return data FFh.
Example:
CRX14
–MQ
/
XX
Device Type
CRX14
Package
MQ = SO16 (150 mil width)
Customer Code
XX = Given by the issuer


Similar Part No. - CRX14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CRX14 STMICROELECTRONICS-CRX14 Datasheet
514Kb / 40P
   Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision, CRC Management and Anti-Clone Function
CRX14-MQ STMICROELECTRONICS-CRX14-MQ Datasheet
514Kb / 40P
   Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision, CRC Management and Anti-Clone Function
CRX14-MQP STMICROELECTRONICS-CRX14-MQP Datasheet
514Kb / 40P
   Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision, CRC Management and Anti-Clone Function
CRX14 STMICROELECTRONICS-CRX14_05 Datasheet
514Kb / 40P
   Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision, CRC Management and Anti-Clone Function
CRX14 STMICROELECTRONICS-CRX14_10 Datasheet
393Kb / 47P
   ISO14443 type-B contactless coupler chip with anti-collision, CRC management and anti-clone function
More results

Similar Description - CRX14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CRX14 STMICROELECTRONICS-CRX14_05 Datasheet
514Kb / 40P
   Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision, CRC Management and Anti-Clone Function
CRX14 STMICROELECTRONICS-CRX14_10 Datasheet
393Kb / 47P
   ISO14443 type-B contactless coupler chip with anti-collision, CRC management and anti-clone function
SRIX4K STMICROELECTRONICS-SRIX4K Datasheet
119Kb / 5P
   13.56MHz Short Range Contactless Memory Chip With 4096 bit EEPROM, Anti-Collision and Anti-Clone Functions
CR14 STMICROELECTRONICS-CR14 Datasheet
349Kb / 46P
   Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
CR14 STMICROELECTRONICS-CR14_10 Datasheet
406Kb / 47P
   ISO14443 type-B contactless coupler chip with anti-collision and CRC management
SRI512 STMICROELECTRONICS-SRI512 Datasheet
72Kb / 6P
   13.56-MHz Short-range Contactless Memory Chip with 512-bit EEPROM and Anti-Collision functions
SRIX4K STMICROELECTRONICS-SRIX4K_07 Datasheet
482Kb / 50P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
SRIX4K STMICROELECTRONICS-SRIX4K_08 Datasheet
401Kb / 47P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
SRIX4K STMICROELECTRONICS-SRIX4K_11 Datasheet
347Kb / 48P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
logo
ATMEL Corporation
ATA5590 ATMEL-ATA5590 Datasheet
117Kb / 4P
   1-kbit UHF R/W IDIC with Anti-collision Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com