Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM339 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM339
Description  LOW POWER QUAD VOLTAGE COMPARATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM339 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM339 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM339 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM339 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM339 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM339 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM339 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM339 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CM339
LOW POWER QUAD VOLTAGE COMPARATORS
2001/07/02
Preliminary
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
This device consists of four independent precision voltage
comparators with an offset voltage specification as low as 2mV
max for CM339.
All these comparators were designed
specifically to operate from a single power supply over a wide
range of voltages. Operation from split power supplies is also
possible. These Comparators also have a unique
characteristic in that the input common mode voltage range
includes ground even though operated from a single power
supply voltage.
!
Wide single supply voltage range or dual supplies for all
devices: +2V to +36V or
± 1V to ± 18V
!
Very low supply current(1.1mA)independent of supply
voltage(1.4mW/comparator +5V)
!
Low input bias current: 25nA typ
!
Low input offset current:
±5nA typ
!
Low input offset voltage:
±1mV typ
!
Input common-mode voltage range includes ground
!
Low output saturation voltage : 250mV typ,(Io = 4mA)
!
Differential input voltage range equal to the supply
voltage
!
TTL, DTL, ECL, MOS, CMOS compatible output
SYMBOL
PIN CONFIGURATION
14 Pin PDIP/SOP
(Top View)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
2OUT
VCC
2IN-
2IN+
1IN-
1IN+
3OUT
4OUT
GND
4IN+
4IN-
3IN+
3IN-


Similar Part No. - CM339

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
   LOW POWER QUAD VOLTAGE COMPARATORS
CM339CP ETC-CM339CP Datasheet
156Kb / 6P
   LOW POWER QUAD VOLTAGE COMPARATORS
CM339CS ETC-CM339CS Datasheet
156Kb / 6P
   LOW POWER QUAD VOLTAGE COMPARATORS
More results

Similar Description - CM339

ManufacturerPart #DatasheetDescription
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
   Low power quad voltage comparators
ver.07
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
STMicroelectronics
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
   Low-power quad voltage comparators
LM139 STMICROELECTRONICS-LM139_V01 Datasheet
776Kb / 19P
   Low-power quad voltage comparators
Rev 4
LM2901 STMICROELECTRONICS-LM2901 Datasheet
540Kb / 12P
   LOW POWER QUAD VOLTAGE COMPARATORS
LM339QT STMICROELECTRONICS-LM339QT Datasheet
549Kb / 19P
   Low-power quad voltage comparators
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com