Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS62LV1029SCG55 Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS62LV1029SCG55
Description  Very Low Power/Voltage CMOS SRAM 128K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1029SCG55 Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS62LV1029SCG55 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV1029SCG55 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV1029SCG55 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1029SCG55 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1029SCG55 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1029SCG55 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1029SCG55 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1029SCG55 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1029SCG55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
R0201-BS62LV1029
Revision 1.1
Jan.
2004
4
BSI
BS62LV1029
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CARE:
ANY CHANGE
PERMITTED
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
CHANGE :
STATE
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
”OFF ”STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
AC TEST CONDITIONS
(Test Load and Input/Output Reference)
Input Pulse Levels
Vcc / 0V
Input Rise and Fall Times
1V/ns
Input and Output
Timing Reference Level
0.5Vcc
Output Load
CL = 30pF+1TTL
CL = 100pF+1TTL
AC ELECTRICAL CHARACTERISTICS ( TA = -40oC to + 85oC )
READ CYCLE
JEDEC
PARAMETER
NAME
NAME
DESCRIPTION
UNIT
t
AVAX
t
RC
Read Cycle Time
55
--
--
70
--
--
ns
t
AVQV
t
AA
Address Access Time
--
--
55
--
--
70
ns
t
E1LQV
t
ACS1
Chip Select Access Time
(CE1)
--
--
55
--
--
70
ns
t
E2HOV
t
ACS2
Chip Select Access Time
(CE2)
--
--
55
--
--
70
ns
t
GLQV
t
OE
Output Enable to Output Valid
--
--
30
--
--
40
ns
t
E1LQX
t
CLZ1
Chip Select to Output Low Z
(CE1)
10
--
--
10
--
--
ns
t
E2HOX
t
CLZ2
Chip Select to Output Low Z
(CE2)
10
--
--
10
--
--
ns
t
GLQX
t
OLZ
Output Enable to Output in Low Z
10
--
--
10
--
--
ns
t
E1HQZ
t
CHZ1
Chip Deselect to Output in High Z
(CE1)
--
--
35
--
--
40
ns
t
E2HQZ
t
CHZ2
Chip Deselect to Output in High Z
(CE2)
--
--
35
--
--
40
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
--
--
30
--
--
35
ns
t
AXOX
t
OH
Data Hold from Address Change
10
--
--
10
--
--
ns
PARAMETER
CYCLE TIME : 55ns
MIN. TYP. MAX.
(Vcc = 4.5~5.5V)
MIN. TYP. MAX.
(Vcc = 4.5~5.5V)
CYCLE TIME : 70ns


Similar Part No. - BS62LV1029SCG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1023 BSI-BS62LV1023 Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023DC BSI-BS62LV1023DC Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023DI BSI-BS62LV1023DI Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023JC BSI-BS62LV1023JC Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023JI BSI-BS62LV1023JI Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
More results

Similar Description - BS62LV1029SCG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1025 BSI-BS62LV1025 Datasheet
382Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023 BSI-BS62LV1023 Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1028 BSI-BS62LV1028 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1024 BSI-BS62LV1024 Datasheet
383Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_06 Datasheet
386Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com