Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74ACT191 Datasheet(PDF) 8 Page - Texas Instruments

Part # CD74ACT191
Description  Presettable Synchronous 4-Bit Binary Up/Down Counter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT191 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74ACT191 Datasheet HTML 2Page - Texas Instruments CD74ACT191 Datasheet HTML 3Page - Texas Instruments CD74ACT191 Datasheet HTML 4Page - Texas Instruments CD74ACT191 Datasheet HTML 5Page - Texas Instruments CD74ACT191 Datasheet HTML 6Page - Texas Instruments CD74ACT191 Datasheet HTML 7Page - Texas Instruments CD74ACT191 Datasheet HTML 8Page - Texas Instruments CD74ACT191 Datasheet HTML 9Page - Texas Instruments CD74ACT191 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FIGURE 3.
FIGURE 4.
FIGURE 5.
The shaded areas indicate when the input is permitted to change for
predictable output performance.
FIGURE 6.
FIGURE 7.
FIGURE 8.
Pn
INPUT LEVEL
VS
Qn
tPHL
tPLH
VS
VS
VS
INPUT LEVEL
Pn
tW
PL
VS
tPLH
Qn
tPHL
VS
VS
VS
INPUT LEVEL
PL
CP
Qn
tW
VS
tREC
INPUT LEVEL
INPUT LEVEL
Pn
PL
Qn
tSU(H)
VS
tH(H)
tSU(L)
tH(L)
INPUT LEVEL
INPUT LEVEL
VS
VS
VS
U/D
VS
tPLH
TC
tPHL
RC
INPUT LEVEL
tPHL
tPLH
VS
VS
VS
VS
VS
CP
VS
CE
CE MAY
CHANGE
tSU(L)
(H-L)
ONLY
tH(L)
CE MAY
CHANGE
VS
VS
VS
tSU(H)
INPUT
LEVEL
INPUT
LEVEL
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
FIGURE 9. PROPAGATION DELAY TIMES
CD74AC
CD74ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
CD74AC191, CD74ACT191


Similar Part No. - CD74ACT191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT10 TI-CD74ACT10 Datasheet
29Kb / 5P
[Old version datasheet]   Triple 3-Input NAND Gate
CD74ACT10 TI1-CD74ACT10 Datasheet
806Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
CD74ACT10-MIL TI1-CD74ACT10-MIL Datasheet
806Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
CD74ACT109 TI-CD74ACT109 Datasheet
337Kb / 10P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD74ACT109 TI-CD74ACT109 Datasheet
228Kb / 8P
[Old version datasheet]   Dual j-k Flip-Flop with Set and Reset
More results

Similar Description - CD74ACT191

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
   Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 PHILIPS-74HC193 Datasheet
95Kb / 13P
   Presettable synchronous 4-bit binary up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com