Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74ACT191 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74ACT191
Description  Presettable Synchronous 4-Bit Binary Up/Down Counter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT191 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74ACT191 Datasheet HTML 2Page - Texas Instruments CD74ACT191 Datasheet HTML 3Page - Texas Instruments CD74ACT191 Datasheet HTML 4Page - Texas Instruments CD74ACT191 Datasheet HTML 5Page - Texas Instruments CD74ACT191 Datasheet HTML 6Page - Texas Instruments CD74ACT191 Datasheet HTML 7Page - Texas Instruments CD74ACT191 Datasheet HTML 8Page - Texas Instruments CD74ACT191 Datasheet HTML 9Page - Texas Instruments CD74ACT191 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Set-Up Time, CE to CP
tSU
5
9.2
-
10.5
-
ns
Set-Up Time, U/D to CP
tSU
5
10.5
-
12
-
ns
Hold Time, Pn to PL
tH
52
-
2
-
ns
Hold Time, CE to CP
tH
50
-
0
-
ns
Hold Time, U/D to CP
tH
50
-
0
-
ns
NOTES:
8. 3.3V Min is at 3V.
9. 5V Min is at 4.5V.
10. Applies to non-cascaded operation only. With cascaded counters clock-to-terminal count propagation delays, count enable (CE)-to-clock
set-up times, and count enable (CE)-to-clock hold times determine max clock frequency. For example, with these AC devices at 85oC
and VCC = 5V:.
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay
PL to Qn
tPLH, tPHL
1.5
-
-
171
-
-
188
ns
3.3
(Note 12)
5.4
-
19.1
5.3
-
21
ns
5
(Note 13)
3.9
-
13.6
3.8
-
15
ns
Propagation Delay
Pn to Qn
tPLH, tPHL
1.5
-
-
173
-
-
190
ns
3.3
5.4
-
19.4
5.3
-
21.3
ns
5
3.9
-
13.8
3.8
-
15.2
ns
Propagation Delay
CP to Qn
tPLH, tPHL
1.5
-
-
182
-
-
200
ns
3.3
5.8
-
20.4
5.6
-
22.4
ns
5
4.1
-
14.5
4
-
16
ns
Propagation Delay
CP to RC
tPLH, tPHL
1.5
-
-
136
-
-
150
ns
3.3
4.3
-
15.3
4.2
-
16.8
ns
5
3.1
-11
3
-12
ns
Propagation Delay
CP to TC
tPLH, tPHL
1.5
-
-
227
-
-
250
ns
3.3
7.2
-
25.5
7
-
28
ns
5
5.2
-
18.2
5
-
20
ns
Propagation Delay
U/D to RC
tPLH, tPHL
1.5
-
-
246
-
-
271
ns
3.3
7.8
-
27.6
7.6
-
30.4
ns
5
5.6
-
19.7
5.4
-
21.7
ns
Propagation Delay
U/D to TC
tPLH, tPHL
1.5
-
-
160
-
-
176
ns
3.3
5.1
-
17.9
4.9
-
19.7
ns
5
3.6
-
12.8
3.5
-
14.1
ns
Prerequisite For Switching Function
(Continued)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
f
MAX
CP
()
1
CP-to-TC prop. delay + CE-to-CP setup + CE-to-CP Hold
--------------------------------------------------------------------------------------------------------------------------------------------------------
1
18.2
9.2
0
++
------------------------------------
36MHz
=
=
CD74AC191, CD74ACT191


Similar Part No. - CD74ACT191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT10 TI-CD74ACT10 Datasheet
29Kb / 5P
[Old version datasheet]   Triple 3-Input NAND Gate
CD74ACT10 TI1-CD74ACT10 Datasheet
806Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
CD74ACT10-MIL TI1-CD74ACT10-MIL Datasheet
806Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
CD74ACT109 TI-CD74ACT109 Datasheet
337Kb / 10P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD74ACT109 TI-CD74ACT109 Datasheet
228Kb / 8P
[Old version datasheet]   Dual j-k Flip-Flop with Set and Reset
More results

Similar Description - CD74ACT191

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
   Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 PHILIPS-74HC193 Datasheet
95Kb / 13P
   Presettable synchronous 4-bit binary up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com