Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBS3LAM40C Datasheet(PDF) 1 Page - Rohm

Part # RBS3LAM40C
Description  Schottky Barrier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RBS3LAM40C Datasheet(HTML) 1 Page - Rohm

  RBS3LAM40C Datasheet HTML 1Page - Rohm RBS3LAM40C Datasheet HTML 2Page - Rohm RBS3LAM40C Datasheet HTML 3Page - Rohm RBS3LAM40C Datasheet HTML 4Page - Rohm RBS3LAM40C Datasheet HTML 5Page - Rohm RBS3LAM40C Datasheet HTML 6Page - Rohm RBS3LAM40C Datasheet HTML 7Page - Rohm RBS3LAM40C Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RBS3LAM40C
lApplications
lDimensions (Unit : mm)
lLand Size Figure (Unit : mm)
General rectification
lFeatures
1) Small power mold type
(PMDTM)
2) High reliability
3) Super low VF
lStructure
lConstruction
lTaping Dimensions (Unit : mm)
Silicon epitaxial planar type
lAbsolute Maximum Ratings (T
l= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Operating junction temperature
(1)
Tj
°C
Storage temperature
Tstg
°C
Note (1) To avoid occurrence of thermal runaway, actual board is to be designed to fulfill dPd/dTj < 1/Rth(j-a).
lElectrical Characteristics (T
j = 25°C)
Symbol
Min.
Typ. Max.
Unit
VF
-
0.36
0.40
V
Reverse current
IR
-
400
800
mA
20
125
VR=20V
Direct reverse voltage
60Hz half sin wave, non-repetitive at
-
-
Glass epoxy board mounted, 60Hz half
sin wave, resistive load, Tc=90ºC Max.
Forward voltage
Conditions
IF=3.0A
Unit
40
Parameter
Conditions
Duty≦0.5
Non-repetitive forward current surge peak
IFSM
80
Symbol
Limits
Average forward rectified current
IO
-55 to +125
A
A
Ta=25ºC, 1cycle
3.0
Parameter
ROHM : PMDTM
JEDEC : SOD-128
: Manufacture Date
0.95±0.10
0.17±
0.10
0.05
2.50±0.20
1.50±0.20
(1)
(2)
(1)
(2) Anode
Cathode
PMDTM
2.0
2.00±0.05
4.0 ±0.1
2.8 ±0.05
4.0 ±0.1
1.25 ±0.10
0.25±0.05
φ1.5+0.1
-0.0
φ1.5+0.1
-0.0
1/4
2016.03 - Rev.A


Similar Part No. - RBS3LAM40C

ManufacturerPart #DatasheetDescription
logo
Rohm
RBS3LAM40A ROHM-RBS3LAM40A Datasheet
703Kb / 8P
   Schottky Barrier Diode
RBS3LAM40B ROHM-RBS3LAM40B Datasheet
705Kb / 8P
   Schottky Barrier Diode
More results

Similar Description - RBS3LAM40C

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com