Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2010JR-7W0R91L Datasheet(PDF) 3 Page - YAGEO Corporation

Part # PT2010JR-7W0R91L
Description  CURRENT SENSOR - LOW TCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PT2010JR-7W0R91L Datasheet(HTML) 3 Page - YAGEO Corporation

  PT2010JR-7W0R91L Datasheet HTML 1Page - YAGEO Corporation PT2010JR-7W0R91L Datasheet HTML 2Page - YAGEO Corporation PT2010JR-7W0R91L Datasheet HTML 3Page - YAGEO Corporation PT2010JR-7W0R91L Datasheet HTML 4Page - YAGEO Corporation PT2010JR-7W0R91L Datasheet HTML 5Page - YAGEO Corporation PT2010JR-7W0R91L Datasheet HTML 6Page - YAGEO Corporation PT2010JR-7W0R91L Datasheet HTML 7Page - YAGEO Corporation PT2010JR-7W0R91L Datasheet HTML 8Page - YAGEO Corporation PT2010JR-7W0R91L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 30, 2015 V.1
Product specification
3
9
SERIES
PT
0402/0603/0805/1206/2010/2512
MARKING
PT0402
No marking
PT0603
E-24 series / Non-E series (R= 250/400/500 mΩ): 3 digits
The “R” is used as a decimal point; the other 2 digits are significant.
PT0805 / PT1206 / PT2010 / PT2512
E-24 series / Non-E series (R= 250/400/500 mΩ): 4 digits
The “R” is used as a decimal point; the other 3 digits are significant.
For further marking information, please refer to data sheet “Chip resistors marking”.
Fig. 3
Value = 220 mΩ
Fig. 2 Value = 220 mΩ
Fig. 4
Fig. 5 Chip resistor outlines
O
OU
UT
TL
LIIN
NE
ES
S
CONSTRUCTION
The resistors are constructed out of a high-grade
ceramic body. Internal metal electrodes are added at
each end and connected by a resistive paste. The
composition of the paste is adjusted to give the
approximately required resistance and laser cutting
of this resistive layer that achieves tolerance trims
the value. The resistive layer is covered with a
protective coat and printed with the resistance value.
Finally, the three external terminations (Cu/Ni/matte tin)
are added, as shown in Fig.5.


Similar Part No. - PT2010JR-7W0R91L

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PT20100D PFC-PT20100D Datasheet
651Kb / 6P
   20A 100V HPTR짰 Schottky Rectifier
PT20100E PFC-PT20100E Datasheet
651Kb / 6P
   20A 100V HPTR짰 Schottky Rectifier
logo
Infineon Technologies A...
PT2010FK-070R25L INFINEON-PT2010FK-070R25L Datasheet
1Mb / 28P
   iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
More results

Similar Description - PT2010JR-7W0R91L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com