Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-2316T Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-2316T
Description  Low cost fi ber optic link
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-2316T Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-2316T Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-2316T Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-2316T Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-2316T Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-2316T Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-2316T Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-2316T Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-2316T Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-2316T Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Figure 4. Normalized transmitter output power vs. forward current.
Figure 3. Typical forward voltage and current characteristics.
Figure 5. Recommended transmitter drive and test circuit.
100
1.1
1.2
1.3
1.4
1.5
1.6
VF – FORWARD VOLTAGE – V
90
80
70
60
50
40
20
30
1.2
10
30
50
70
90
1.1
0.8
0.7
0.5
0.4
0.3
0.2
IF – FORWARD CURRENT – mA
0.9
1.0
0.6
DATA +
DATA –
10
9
13
12
8
14
15
6
7
4
2
53
16
0.1 F
+ 5.0 V
75
75
220
1
2.7
24
NE46134
150
NE46134
2.7
220
0.1
F
10 F
TANTALUM
HFBR-1312TZ
MC10H116A
NOTES:
1. ALL RESISTORS ARE 5% TOLERANCE.
2. BEST PERFORMANCE WITH SURFACE MOUNT COMPONENTS.
3. DIP MOTOROLA MC10H116 IS SHOWN, PLCC MAY ALSO BE USED.
11
V bb
2, 6
7
3
MC10H116B
MC10H116C


Similar Part No. - HFBR-2316T

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-2316T HP-HFBR-2316T Datasheet
182Kb / 8P
   1300 nm Fiber Optic Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2316TZ AVAGO-HFBR-2316TZ Datasheet
252Kb / 7P
   1300 nm Fiber Optic Transmitter and Receiver RoHS-compliant
More results

Similar Description - HFBR-2316T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
AFBR-5205Z AVAGO-AFBR-5205Z Datasheet
559Kb / 19P
   Multimode fi ber ATM backbone links
logo
OPTEK Technologies
OPF370A OPTEK-OPF370A Datasheet
3Mb / 2P
   Fi ber Op tic GaA lAs LED
OPF372A OPTEK-OPF372A Datasheet
3Mb / 2P
   Fi ber Op tic GaA lAs LED
OPF396 OPTEK-OPF396 Datasheet
3Mb / 2P
   Fi ber Op tic GaA lAs High Speed LED
OPF522 OPTEK-OPF522 Datasheet
217Kb / 3P
   5 MBd Fi ber Op tic Re ceiver
OPF340 OPTEK-OPF340 Datasheet
3Mb / 2P
   Fi ber Op tic GaA lAs High Speed LED
OPF346 OPTEK-OPF346 Datasheet
3Mb / 2P
   Fi ber Op tic GaA lAs High Speed LED
logo
Adam Technologies, Inc.
FODL-002 ADAM-TECH-FODL-002 Datasheet
77Kb / 1P
   FIBER OPTIC DATA LINK
FODL-001 ADAM-TECH-FODL-001 Datasheet
77Kb / 1P
   FIBER OPTIC DATA LINK
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com