Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1206FKF7T0R1L Datasheet(PDF) 11 Page - YAGEO Corporation

Part # PE1206FKF7T0R1L
Description  CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PE1206FKF7T0R1L Datasheet(HTML) 11 Page - YAGEO Corporation

Back Button PE1206FKF7T0R1L Datasheet HTML 4Page - YAGEO Corporation PE1206FKF7T0R1L Datasheet HTML 5Page - YAGEO Corporation PE1206FKF7T0R1L Datasheet HTML 6Page - YAGEO Corporation PE1206FKF7T0R1L Datasheet HTML 7Page - YAGEO Corporation PE1206FKF7T0R1L Datasheet HTML 8Page - YAGEO Corporation PE1206FKF7T0R1L Datasheet HTML 9Page - YAGEO Corporation PE1206FKF7T0R1L Datasheet HTML 10Page - YAGEO Corporation PE1206FKF7T0R1L Datasheet HTML 11Page - YAGEO Corporation PE1206FKF7T0R1L Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
-
Chip Resistor Surface Mount
www.yageo.com
Nov. 28, 2016 V.5
Product specification
11
12
SERIES
PE_L
0201 /0402/ 0603/ 0805/ 1206/ 2010/ 2512
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Solderability
- Wetting
IPC/JEDEC
J-STD-002B test B
Electrical Test not required
Magnification 50X
SMD conditions:
1st step: method B, aging 4 hours at 155 °C
dry heat
2nd step: leadfree solder bath at 245± 3 °C
Dipping time: 3± 0.5 seconds
Well tinned (≥95% covered)
No visible damage
- Leaching
IPC/JEDEC
J-STD-002B test D
Leadfree solder, 260 °C,
30 seconds immersion time
No visible damage
- Resistance to
Soldering Heat
MIL-STD-202G-method 210F
IEC 60115-1 4.18
Condition B, no pre-heat of samples
Leadfree solder, 260 °C,
10 seconds immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
± (0.5%+0.0005 Ω)
No visible damage


Similar Part No. - PE1206FKF7T0R1L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PE12316 ETC-PE12316 Datasheet
1Mb / 29P
   Triple Incremental Encoder
logo
PerkinElmer Optoelectro...
PE125B-10F PERKINELMER-PE125B-10F Datasheet
64Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
PE125B-10UV PERKINELMER-PE125B-10UV Datasheet
64Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
PE125BF PERKINELMER-PE125BF Datasheet
64Kb / 2P
   CERMAX XENON ARC LAMPS
PE125BUV PERKINELMER-PE125BUV Datasheet
64Kb / 2P
   CERMAX XENON ARC LAMPS
More results

Similar Description - PE1206FKF7T0R1L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Allegro MicroSystems
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com