Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUD42DT4 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BUD42DT4
Description  High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUD42DT4 Datasheet(HTML) 4 Page - ON Semiconductor

  BUD42DT4 Datasheet HTML 1Page - ON Semiconductor BUD42DT4 Datasheet HTML 2Page - ON Semiconductor BUD42DT4 Datasheet HTML 3Page - ON Semiconductor BUD42DT4 Datasheet HTML 4Page - ON Semiconductor BUD42DT4 Datasheet HTML 5Page - ON Semiconductor BUD42DT4 Datasheet HTML 6Page - ON Semiconductor BUD42DT4 Datasheet HTML 7Page - ON Semiconductor BUD42DT4 Datasheet HTML 8Page - ON Semiconductor BUD42DT4 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BUD42D
http://onsemi.com
4
TYPICAL STATIC CHARACTERISTICS
Figure 7. Base−Emitter Saturation Region
10
1
0.1
10
0.1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
Figure 8. Base−Emitter Saturation Region
10
1
0.1
10
0.1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
1
TJ = 125°C
TJ = 25°C
TJ = −20°C
1
IC/IB = 5
Figure 9. Base−Emitter Saturation Region
10
1
0.1
10
0.1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
Figure 10. Forward Diode Voltage
10
1
0.1
10
0.1
0.01
REVERSE EMITTER−COLLECTOR CURRENT
1
IC/IB = 10
TJ = 25°C
TJ = 125°C
TJ = −20°C
TJ = 125°C
TJ = 25°C
TJ = −20°C
IC/IB = 8
1
VEC(V) = −20°C
VEC(V) = 125°C
VEC(V) = 25°C


Similar Part No. - BUD42DT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUD42DT4G ONSEMI-BUD42DT4G Datasheet
184Kb / 12P
   High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
More results

Similar Description - BUD42DT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL642D2 ONSEMI-BUL642D2 Datasheet
101Kb / 8P
   High Speed, High Gain Bipolar NPN Transistor with Integrated Collector?묮mitter and Built?뭝n Efficient Antisaturation Network
August, 2005 ??Rev. 1
BUD42D ONSEMI-BUD42D_11 Datasheet
184Kb / 12P
   High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
BUL45D2 ONSEMI-BUL45D2_14 Datasheet
227Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
November, 2014 ??Rev. 8
BUL45D2G ONSEMI-BUL45D2G Datasheet
248Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
April, 2010 ??Rev. 5
logo
Diodes Incorporated
ZXTN26020DMF DIODES-ZXTN26020DMF Datasheet
141Kb / 6P
   HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
DS31953 Rev. 2 - 1
ZXTN26020DMF DIODES-ZXTN26020DMF_15 Datasheet
141Kb / 6P
   HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
logo
IXYS Corporation
IXBH10N170 IXYS-IXBH10N170 Datasheet
596Kb / 5P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBH24N170 IXYS-IXBH24N170 Datasheet
181Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBN42N170A IXYS-IXBN42N170A Datasheet
206Kb / 6P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBF32N300 IXYS-IXBF32N300 Datasheet
201Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com