Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASSR-1530 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASSR-1530
Description  Compact Solid-State Bi-directional Signal Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASSR-1530 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASSR-1530 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASSR-1530 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASSR-1530 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASSR-1530 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASSR-1530 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASSR-1530 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASSR-1530 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASSR-1530 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ASSR-1530 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Regulatory Information
The ASSR-1510, ASSR-1511, ASSR-1520 and ASSR-1530 are approved by the following organizations:
UL
Approved under UL 1577, component recognition program up to VISO = 3750 VRMS
CSA
Approved under CSA Component Acceptance Notice #5.
Insulation and Safety Related Specifications
Parameter
Symbol
ASSR-1510
ASSR-1511
ASSR-1520
ASSR-1530
Units
Conditions
Minimum External
Air Gap (Clearance)
L(101)
4.9
7.1
4.9
mm
Measured from input terminals to output
terminals, shortest distance through air.
Minimum External
Tracking (Creepage)
L(102)
4.9
7.4
4.8
mm
Measured from input terminals to output
terminals, shortest distance path along body.
Minimum Internal
Plastic Gap
(Internal Clearance)
0.08
0.08
0.08
mm
Through insulation distance conductor to
conductor, usually the straight line
distance thickness between the emitter and
detector.
Tracking Resistance
(Comparative
Tracking Index)
CTI
175
175
175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
(DIN VDE0109)
IIIa
IIIa
IIIa
Material Group (DIN VDE 0109)
Lead Free IR Profile
217
°C
RAMP-DOWN
6
°C/SEC. MAX.
RAMP-UP
3
°C/SEC. MAX.
150 - 200
°C
260 +0/-5
°C
t 25
°C to PEAK
60 to 150 SEC.
20-40 SEC.
TIME WITHIN 5
°C of ACTUAL
PEAK TEMPERATURE
tp
t
s
PREHEAT
60 to 180 SEC.
t
L
T
L
T
smax
T
smin
25
T
p
TIME (SECONDS)
NOTES:
THE TIME FROM 25
°C to PEAK TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200
°C, Tsmin = 150°C
Use of non-chlorine-activated fluxes is highly recommended.


Similar Part No. - ASSR-1530

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASSR-1530 BOARDCOM-ASSR-1530 Datasheet
1Mb / 17P
   High Current, Solid State Relay (Photo MOSFET) (60V/1.0A/0.5廓)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1530-005E AVAGO-ASSR-1530-005E Datasheet
197Kb / 15P
   High Current, Solid State Relay (Photo MOSFET)
ASSR-1530-505E AVAGO-ASSR-1530-505E Datasheet
197Kb / 15P
   High Current, Solid State Relay (Photo MOSFET)
More results

Similar Description - ASSR-1530

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-301C AVAGO-ASSR-301C Datasheet
110Kb / 7P
   Compact Solid-State Bi-directional Signal Switch
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-1218 AVAGO-ASSR-1218 Datasheet
356Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
logo
Teledyne Technologies I...
C47F-10 TELEDYNE-C47F-10 Datasheet
266Kb / 2P
   Bi-Directional AC/DC Solid State Relay
logo
Littelfuse
LX803DE LITTELFUSE-LX803DE Datasheet
257Kb / 8P
   New 0.8 Amp bi-directional solid state switch series offering direct
L0103DE LITTELFUSE-L0103DE Datasheet
271Kb / 8P
   New 1 Amp bi-directional solid state switch series offering direct interface
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com