Part Name
         Description
BUD42D

 High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability ( 14 Page)


ONSEMI
100% 
Zoom Out Zoom In
 
 3 page
background image
BUD42D
http://onsemi.com
3
TYPICAL STATIC CHARACTERISTICS
Figure 1. DC Current Gain @ VCE = 1 V
100
10
1
10
1
0.1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
TJ = 125°C
TJ = 25°C
TJ = −20°C
Figure 2. DC Current Gain @ VCE = 5 V
100
10
1
10
1
0.1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
Figure 3. Collector Saturation Region
3
2
0
10
0.1
0.01
0.001
IB, BASE CURRENT (AMPS)
IC = 0.2 A
Figure 4. Collector−Emitter Saturation Voltage
10
1
0.01
10
1
0.1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
TJ = 125°C
TJ = 25°C
TJ = −20°C
IC/IB = 5
1
TJ = 25°C
1 A
1.5 A
2 A
Figure 5. Collector−Emitter Saturation Voltage
100
1
0.01
10
0.1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
Figure 6. Collector−Emitter Saturation Voltage
10
1
0.01
10
0.1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
TJ = 125°C
TJ = 25°C
TJ = −20°C
1
IC/IB = 8
TJ = 125°C
TJ = 25°C
TJ = −20°C
IC/IB = 10
0.4 A
TJ = 125°C
TJ = 25°C
TJ = −20°C
1
0.1
0.1
1
0.1
10



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC846W-BC850WNPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
KTC4526TRIPLE DIFFUSED NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING WIDE SOA 1 2 3 KEC(Korea Electronics)
KTC4527TRIPLE DIFFUSED NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING WIDE SOA 1 2 3 KEC(Korea Electronics)
KTC4527FTRIPLE DIFFUSED NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING WIDE SOA 1 2 3 KEC(Korea Electronics)
BUL55AADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR 1 2 Seme LAB
BUL68AADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR 1 2 Seme LAB
2SD995NPN TRIPLE DIFFUSED MESA TYPE SILICON TRANSISTOR FOR H-DEFLECTION OUTPUT WITH HIGH VOLTAGE 1 Sanyo Semicon Device
2SC4754NPN TRIPLE DIFFUSED TYPE HIGH VOLTAGE SWITCHING HIGH SPEED DC-DC CONVERTER AND SWITCHING REGULATOR APPLICATIONS 1 2 3 Toshiba Semiconductor
NTE2558Silicon NPN Transistor Darlington High Voltage High Speed Switch w/ Damper Diode 1 2 NTE Electronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl