Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALMD-LG36 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALMD-LG36
Description  Well-defined spatial radiation pattern
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALMD-LG36 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALMD-LG36 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALMD-LG36 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALMD-LG36 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALMD-LG36 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALMD-LG36 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALMD-LG36 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ALMD-LG36 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ALMD-LG36 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ALMD-LG36 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Avago Technologies
- 10 -
ALMD-LL36, ALMD-LG36, ALMD-LM36, ALMD-LB36
Data Sheet
Red Color Range
Red Color Range
Tolerance for each bin limit is ± 0.5 nm.
Amber Color Range
Tolerance for each bin limit is ± 0.5 nm.
Green Color Range
Tolerance for each bin limit is ± 0.5 nm.
Blue Color Range
Tolerance for each bin limit is ± 0.5 nm.
Min Dom Max Dom
X min
Y Min
X max
Y max
618.0
630.0
0.6872
0.3126
0.6890
0.2943
0.6690
0.3149
0.7080
0.2920
Bin
Min
Dom
Max
Dom
Xmin
Ymin
Xmax
Ymax
1
584.5
587.0
0.5420
0.4580
0.5530
0.4400
0.5370
0.4550
0.5570
0.4420
2
587.0
589.5
0.5570
0.4420
0.5670
0.4250
0.5530
0.4400
0.5720
0.4270
4
589.5
592.0
0.5720
0.4270
0.5820
0.4110
0.5670
0.4250
0.5870
0.4130
6
592.0
594.5
0.5870
0.4130
0.5950
0.3980
0.5820
0.4110
0.6000
0.3990
Bin
Min
Dom
Max
Dom
Xmin
Ymin
Xmax
Ymax
1
519.0
523.0
0.0667
0.8323
0.1450
0.7319
0.1200
0.7375
0.0979
0.8316
2
523.0
527.0
0.0979
0.8316
0.1711
0.7218
0.1450
0.7319
0.1305
0.8189
3
527.0
531.0
0.1305
0.8189
0.1967
0.7077
0.1711
0.7218
0.1625
0.8012
4
531.0
535.0
0.1625
0.8012
0.2210
0.6920
0.1967
0.7077
0.1929
0.7816
5
535.0
539.0
0.1929
0.7816
0.2445
0.6747
0.2210
0.6920
0.2233
0.7600
Bin
Min
Dom
Max
Dom
Xmin
Ymin
Xmax
Ymax
1
460.0
464.0
0.1440
0.0297
0.1766
0.0966
0.1818
0.0904
0.1374
0.0374
2
464.0
468.0
0.1374
0.0374
0.1699
0.1062
0.1766
0.0966
0.1291
0.0495
3
468.0
472.0
0.1291
0.0495
0.1616
0.1209
0.1699
0.1062
0.1187
0.0671
4
472.0
476.0
0.1187
0.0671
0.1517
0.1423
0.1616
0.1209
0.1063
0.0945
5
476.0
480.0
0.1063
0.0945
0.1397
0.1728
0.1517
0.1423
0.0913
0.1327


Similar Part No. - ALMD-LG36

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LG36-WZ002 AVAGO-ALMD-LG36-WZ002 Datasheet
628Kb / 11P
   High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
More results

Similar Description - ALMD-LG36

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LG37 AVAGO-ALMD-LG37 Datasheet
710Kb / 12P
   Well defined spatial radiation pattern
HLMP-HG74 AVAGO-HLMP-HG74 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
HLMP-EJ37-R0PDD AVAGO-HLMP-EJ37-R0PDD Datasheet
71Kb / 4P
   Well defined Spatial radiation Patterns
HLMP-AG74 AVAGO-HLMP-AG74 Datasheet
214Kb / 11P
   Well defi ned spatial radiation pattern
logo
STANLEY ELECTRIC CO.,LT...
THB3801C STANLEY-THB3801C Datasheet
477Kb / 19P
   Spatial distribution
FKR3863X STANLEY-FKR3863X Datasheet
444Kb / 20P
   Narrow spatial distribution
logo
List of Unclassifed Man...
LG5804B ETC2-LG5804B Datasheet
45Kb / 1P
   Spatial Distribution
logo
STANLEY ELECTRIC CO.,LT...
THB3809X STANLEY-THB3809X Datasheet
487Kb / 19P
   Wide spatial distribution
LB3803X STANLEY-LB3803X Datasheet
44Kb / 1P
   LB.L G3803X Spatial Distribution
logo
Taoglas antenna solutio...
OMB.450.B03F21 TAOGLAS-OMB.450.B03F21 Datasheet
882Kb / 12P
   Omni-Directional Radiation Pattern
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com