Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ispGDX160VA-7B208 Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # ispGDX160VA-7B208
Description  ispGDX짰160V/VA Device Datasheet
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ispGDX160VA-7B208 Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button ispGDX160VA-7B208 Datasheet HTML 7Page - Lattice Semiconductor ispGDX160VA-7B208 Datasheet HTML 8Page - Lattice Semiconductor ispGDX160VA-7B208 Datasheet HTML 9Page - Lattice Semiconductor ispGDX160VA-7B208 Datasheet HTML 10Page - Lattice Semiconductor ispGDX160VA-7B208 Datasheet HTML 11Page - Lattice Semiconductor ispGDX160VA-7B208 Datasheet HTML 12Page - Lattice Semiconductor ispGDX160VA-7B208 Datasheet HTML 13Page - Lattice Semiconductor ispGDX160VA-7B208 Datasheet HTML 14Page - Lattice Semiconductor ispGDX160VA-7B208 Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
10
Specifications ispGDX160VA
DC Electrical Characteristics for 2.5V Range
1
Over Recommended Operating Conditions
VIH
SYMBOL
2.5V/gdx160va
VOH
PARAMETER
Input High Voltage
Output High Voltage
VOH(MIN) ≤ VOUT or VOUT ≤ VOL(MAX)
VOH(MIN) ≤ VOUT or VOUT ≤ VOL(MAX)
VCCIO=MIN, IOH = -8mA
VCCIO=MIN, IOL = 8mA
CONDITION
MIN.
TYP.
MAX.
UNITS
1.7
1.8
5.25
V
VCCIO
VIL
I/O Reference Voltage
Input Low Voltage
2.3
-0.3
2.7
0.7
V
V
V
VCCIO=MIN, IOH = -100µA
2.1
V
––
0.6
V
VCCIO=MIN, IOL = 100µA
––
0.2
V
VOL
Output Low Voltage
1. I/O voltage configuration must be set to VCCIO.
DC Electrical Characteristics
Over Recommended Operating Conditions
SYMBOL
1. One output at a time for a maximum of one second. VOUT = 0.5V was selected to avoid test problems by
tester ground degradation. Characterized, but not 100% tested.
2. Typical values are at VCC = 3.3V and TA = 25°C.
3. ICC / MHz = (0.003 x I/O cell fanout) + 0.029.
e.g. An input driving four I/O cells at 40MHz results in a dynamic ICC of approximately ((0.003 x 4) + 0.029) x 40 = 1.64mA.
4. For a typical application with 50% of I/O pins used as inputs, 50% used as outputs or bi-directionals.
5. This parameter limits the total current sinking of I/O pins surrounding the nearest GND pin.
DC Char_gdx160va
IPU
IBHLS
PARAMETER
I/O Active Pullup Current
Bus Hold Low Sustaining Current
IIH
IIL
Input or I/O High Leakage Current
Input or I/O Low Leakage Current
0V ≤ VIN ≤ VIL (MAX)
CONDITION
MIN.
TYP.
2
MAX.
UNITS
-10
10
-200
50
µA
IBHT
Bus Hold Trip Points
VIL
–VIH
V
µA
µA
µA
40
µA
(VCCIO-0.2) ≤ VIN ≤ VCCIO
VCCIO ≤ VIN ≤ 5.25V
0V ≤ VIN ≤ VIL (MAX)
IOS1
Output Short Circuit Current
-250
mA
VCC = 3.3V, VOUT = 0.5V, TA = 25°C
ICCQ4
Quiescent Power Supply Current
16.5
mA
VIL = 0.5V, VIH = VCC
VIN = VIL (MAX)
IBHHS
Bus Hold High Sustaining Current
-40
µA
VIN = VIH (MIN)
IBHLO
Bus Hold Low Overdrive Current
550
µA
0V ≤ VIN ≤ VCCIO
ICC
Dynamic Power Supply Current
per Input Switching
One input toggling at 50% duty cycle,
outputs open.
See
Note 3
mA/
MHz
ICONT5
Maximum Continuous I/O Pin Sink
Current Through Any GND Pin
––
160
mA
IBHHO
Bus Hold High Overdrive Current
-550
µA
0V ≤ VIN ≤ VCCIO


Similar Part No. - ispGDX160VA-7B208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX160VA-7B208 LATTICE-ISPGDX160VA-7B208 Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
More results

Similar Description - ispGDX160VA-7B208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX2VBC LATTICE-ISPGDX2VBC Datasheet
899Kb / 75P
   ispGDX2??Device Datasheet
logo
Altera Corporation
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
logo
Intel Corporation
CV-51002 INTEL-CV-51002 Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
logo
Altera Corporation
5CEBA5F23C7N ALTERA-5CEBA5F23C7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
EP4CGX30CF23C8N ALTERA-EP4CGX30CF23C8N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C8N ALTERA-EP4CE10F17C8N Datasheet
697Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com