Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ispGDX160VA-5Q208I Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ispGDX160VA-5Q208I
Description  ispGDX짰160V/VA Device Datasheet
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ispGDX160VA-5Q208I Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ispGDX160VA-5Q208I Datasheet HTML 6Page - Lattice Semiconductor ispGDX160VA-5Q208I Datasheet HTML 7Page - Lattice Semiconductor ispGDX160VA-5Q208I Datasheet HTML 8Page - Lattice Semiconductor ispGDX160VA-5Q208I Datasheet HTML 9Page - Lattice Semiconductor ispGDX160VA-5Q208I Datasheet HTML 10Page - Lattice Semiconductor ispGDX160VA-5Q208I Datasheet HTML 11Page - Lattice Semiconductor ispGDX160VA-5Q208I Datasheet HTML 12Page - Lattice Semiconductor ispGDX160VA-5Q208I Datasheet HTML 13Page - Lattice Semiconductor ispGDX160VA-5Q208I Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
9
Specifications ispGDX160VA
Switching Test Conditions
Input Pulse Levels
Input Rise and Fall Time
Input Timing Reference Levels
Output Timing Reference Levels
Output Load
GND to VCCIO(MIN)
< 1.5ns 10% to 90%
VCCIO(MIN)/2
VCCIO(MIN)/2
See Figure 8
3-state levels are measured 0.5V from steady-state active level.
Output Load Conditions (See Figure 8)
TEST CONDITION
R1
3.3V
2.5V
R2
CL
A
35pF
D
35pF
B
35pF
35pF
Active High
Slow Slew
Active Low
C
5pF
5pF
156Ω
156Ω
156Ω
144Ω
144Ω
144Ω
R1
R2
153Ω
153Ω
153Ω
134Ω
134Ω
134Ω
Active Low to Z
at V +0.5V
OL
Active High to Z
at V
-0.5V
OH
Table 2-0004A/gdx160va
DC Electrical Characteristics for 3.3V Range
1
Over Recommended Operating Conditions
Figure 8. Test Load
VCCIO
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
0213D
VOL
SYMBOL
1. I/O voltage configuration must be set to VCC.
Table 2-0007/gdx160va
VOH
VIH
VIL
PARAMETER
Output Low Voltage
Output High Voltage
Input High Voltage
Input Low Voltage
VCC = VCC (MIN)
IOL = +100µA
IOL = +24mA
IOH = -100µA
IOH = -12mA
VCC = VCC (MIN)
VOH ≤ VOUT or VOUT ≤ VOL(MAX)
VOH ≤ VOUT or VOUT ≤ VOL (MAX)
CONDITION
MIN.
TYP.
MAX.
UNITS
2.8
2.0
-0.3
0.2
5.25
0.8
V
––
0.55
V
V
2.4
V
VCCIO
I/O Reference Voltage
3.0
3.6
V
V
V


Similar Part No. - ispGDX160VA-5Q208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX160VA-5Q208 LATTICE-ISPGDX160VA-5Q208 Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
More results

Similar Description - ispGDX160VA-5Q208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX2VBC LATTICE-ISPGDX2VBC Datasheet
899Kb / 75P
   ispGDX2??Device Datasheet
logo
Altera Corporation
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
logo
Intel Corporation
CV-51002 INTEL-CV-51002 Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
logo
Altera Corporation
5CEBA5F23C7N ALTERA-5CEBA5F23C7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
EP4CGX30CF23C8N ALTERA-EP4CGX30CF23C8N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C8N ALTERA-EP4CE10F17C8N Datasheet
697Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com