Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQM40010EL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQM40010EL
Description  Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM40010EL Datasheet(HTML) 2 Page - Vishay Siliconix

  SQM40010EL Datasheet HTML 1Page - Vishay Siliconix SQM40010EL Datasheet HTML 2Page - Vishay Siliconix SQM40010EL Datasheet HTML 3Page - Vishay Siliconix SQM40010EL Datasheet HTML 4Page - Vishay Siliconix SQM40010EL Datasheet HTML 5Page - Vishay Siliconix SQM40010EL Datasheet HTML 6Page - Vishay Siliconix SQM40010EL Datasheet HTML 7Page - Vishay Siliconix SQM40010EL Datasheet HTML 8Page - Vishay Siliconix SQM40010EL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SQM70060EL
www.vishay.com
Vishay Siliconix
S16-0653-Rev. A, 18-Apr-16
2
Document Number: 67764
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = 250 μA
100
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.5
2.0
2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 100 V
-
-
1
μA
VGS = 0 V
VDS = 100 V, TJ = 125 °C
-
-
50
VGS = 0 V
VDS = 100 V, TJ = 175 °C
-
-
500
On-State Drain Current a
ID(on)
VGS = 10 V
VDS  5 V
50
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V
ID = 30 A
-
0.0046
0.0059
VGS = 10 V
ID = 30 A, TJ = 125 °C
-
-
0.0099
VGS = 10 V
ID = 30 A, TJ = 175 °C
-
-
0.0123
VGS = 4.5 V
ID = 20 A
-
0.0056
0.0080
Forward Transconductance b
gfs
VDS = 15 V, ID = 25 A
-
95
-
S
Dynamic b
Input Capacitance
Ciss
VGS = 0 V
VDS = 25 V, f = 1 MHz
-
4170
5500
pF
Output Capacitance
Coss
-
1935
2600
Reverse Transfer Capacitance
Crss
-
160
220
Total Gate Charge c
Qg
VGS = 10 V
VDS = 50 V, ID = 50 A
-66
100
nC
Gate-Source Charge c
Qgs
-14
-
Gate-Drain Charge c
Qgd
-12
-
Gate Resistance
Rg
f = 1 MHz
0.90
1.92
3
Turn-On Delay Time c
td(on)
VDD = 50 V, RL = 1.08 
ID  50 A, VGEN = 10 V, Rg = 1 
-13
25
ns
Rise Time c
tr
-21
35
Turn-Off Delay Time c
td(off)
-34
60
Fall Time c
tf
-13
25
Source-Drain Diode Ratings and Characteristics b
Pulsed Current a
ISM
--
180
A
Forward Voltage
VSD
IF = 50 A, VGS = 0
-
0.90
1.5
V


Similar Part No. - SQM40010EL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM40010EL VISHAY-SQM40010EL Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM40010EL VISHAY-SQM40010EL Datasheet
215Kb / 9P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM40010EL VISHAY-SQM40010EL Datasheet
203Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM40010EL VISHAY-SQM40010EL Datasheet
202Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM40010EL-GE3 VISHAY-SQM40010EL-GE3 Datasheet
180Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 30-Jul-12
More results

Similar Description - SQM40010EL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQR70090ELR VISHAY-SQR70090ELR Datasheet
240Kb / 7P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 05-Sep-16
SQ2398ES VISHAY-SQ2398ES_15 Datasheet
260Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 30-Jul-15
SQJ456EP VISHAY-SQJ456EP_15 Datasheet
172Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. F, 28-Nov-11
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_15 Datasheet
165Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
SQM70060EL VISHAY-SQM70060EL_V02 Datasheet
205Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA68EP VISHAY-SQJA68EP_V02 Datasheet
262Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA700CEJW VISHAY-SQA700CEJW_V02 Datasheet
177Kb / 6P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ476EP VISHAY-SQJ476EP_V01 Datasheet
303Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_V02 Datasheet
165Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQP120N10-09 VISHAY-SQP120N10-09_15 Datasheet
153Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com