Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX64B-3FN100C Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # LX64B-3FN100C
Description  ispGDX2??Device Datasheet
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64B-3FN100C Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button LX64B-3FN100C Datasheet HTML 7Page - Lattice Semiconductor LX64B-3FN100C Datasheet HTML 8Page - Lattice Semiconductor LX64B-3FN100C Datasheet HTML 9Page - Lattice Semiconductor LX64B-3FN100C Datasheet HTML 10Page - Lattice Semiconductor LX64B-3FN100C Datasheet HTML 11Page - Lattice Semiconductor LX64B-3FN100C Datasheet HTML 12Page - Lattice Semiconductor LX64B-3FN100C Datasheet HTML 13Page - Lattice Semiconductor LX64B-3FN100C Datasheet HTML 14Page - Lattice Semiconductor LX64B-3FN100C Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
8
Figure 5. ispGDX2-256 sysIO Banks
There are three classes of I/O interface standards implemented in the ispGDX2 devices. The first is the non-termi-
nated, single-ended interface; it includes the 3.3V LVTTL standard along with the 1.8V, 2.5V and 3.3V LVCMOS
interface standards. The slew rate and strength of these output buffers can be controlled individually. Additionally,
PCI 3.3, PCI-X and AGP-1X are all subsets of this interface type. The second interface class implemented is the
terminated, single-ended interface standard. This group of interfaces includes different versions of SSTL and HSTL
interfaces along with CTT and GTL+. Use of these I/O interfaces requires an additional VREF signal. At the system
level, a termination voltage, VTT, is also required. Typically, an output will be terminated to VTT at the receiving end
of the transmission line it is driving. The final types of interfaces implemented are the differential standards
LVPECL, LVDS and Bus LVDS. Table 3 shows the I/O standards supported by the ispGDX2 devices along with
nominal VCCO, VREF and VTT.
The ispGDX2 family also features 5V tolerant I/O. I/O banks with VCCO = 3.3V may have inputs driven to a maxi-
mum of 5.5V for easy interfacing with legacy systems. Up to 64 I/O pins per device may be driven by 5V inputs.
sysIO Bank 5
sysIO Bank 6
sysIO Bank 2
sysIO Bank 1
sysIO Bank 7
sysIO Bank 0
sysIO Bank 4
sysIO Bank 3
VCCO5
VREF5
GND
VCCO2
VREF2
GND
VCCO6
VREF6
GND
VCCO1
VREF1
GND


Similar Part No. - LX64B-3FN100C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LX64B-3FN100C LATTICE-LX64B-3FN100C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
More results

Similar Description - LX64B-3FN100C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
logo
Intel Corporation
CV-51002 INTEL-CV-51002 Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
logo
Altera Corporation
5CEBA5F23C7N ALTERA-5CEBA5F23C7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
EP4CGX30CF23C8N ALTERA-EP4CGX30CF23C8N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C8N ALTERA-EP4CE10F17C8N Datasheet
697Kb / 42P
   Cyclone IV Device Datasheet
EP4CE22E22I7N ALTERA-EP4CE22E22I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com