Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ723-2C-110A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AZ723-2C-110A
Description  MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AZ723-2C-110A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AZ723-2C-110A Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ723-2C-110A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RELAY ORDERING DATA
COIL SPECIFICATIONS - AC Coil
ORDER NUMBER
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
Form A
Form C
VAC
VAC
VAC
mA ±10%
±10%
(DPST)
(DPDT)
6
4.8
7.8
150.0
16
AZ723-2A-6A
AZ723-2C-6A
12
9.6
15.6
75.0
65
AZ723-2A-12A
AZ723-2C-12A
24
19.2
31.2
37.5
260
AZ723-2A-24A
AZ723-2C-24A
50
40.0
65.0
18.0
1130
AZ723-2A-50A
AZ723-2C-50A
110
88.0
143.0
10.6
4600
AZ723-2A-110A
AZ723-2C-110A
220
176.0
286.0
5.3
20200
AZ723-2A-220A
AZ723-2C-220A
230
184.0
299.0
3.6
24900
AZ723-2A-230A
AZ723-2C-230A
1998-10-28
ZETTLER electronics
Telephone +44 (0) 1582 599 600 Fax +44 (0) 1582 599 700
Logistic Design (UK) Limited. Unit 3, Eagle Centre Way, Luton LU4 9US www.zettlerrelay.com sales@zettlerrelay.com
AZ723
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ±0.010"
.035 Dia. (0.9)
2 places
(4 places Form A
(6 places Form C)
.023 (0.58) x .023 (0.58)
0.016 (0.4) x 0.040 (1.015)


Similar Part No. - AZ723-2C-110A

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ723-2C-110A AZETTLER-AZ723-2C-110A Datasheet
105Kb / 2P
   MINIATURE POWER RELAY
More results

Similar Description - AZ723-2C-110A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com