Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQM25N15-52 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SQM25N15-52
Description  Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM25N15-52 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SQM25N15-52 Datasheet HTML 2Page - Vishay Siliconix SQM25N15-52 Datasheet HTML 3Page - Vishay Siliconix SQM25N15-52 Datasheet HTML 4Page - Vishay Siliconix SQM25N15-52 Datasheet HTML 5Page - Vishay Siliconix SQM25N15-52 Datasheet HTML 6Page - Vishay Siliconix SQM25N15-52 Datasheet HTML 7Page - Vishay Siliconix SQM25N15-52 Datasheet HTML 8Page - Vishay Siliconix SQM25N15-52 Datasheet HTML 9Page - Vishay Siliconix SQM25N15-52 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Ordering Information
www.vishay.com
Vishay Siliconix
Revision: 06-Jul-16
1
Document Number: 67164
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
D2PAK / TO-263 and TO-262
Ordering codes for the SQ rugged series power MOSFETs in the D2PAK / TO-263 and TO-262 packages:
Note
a. Old ordering code is obsolete and no longer valid for new orders
DATASHEET PART NUMBER
OLD ORDERING CODE a
NEW ORDERING CODE
SQM100N04-2m7
SQM100N04-2M7-GE3
SQM100N04-2M7_GE3
SQM100N10-10
SQM100N10-10-GE3
SQM100N10-10_GE3
SQM110N05-06L
SQM110N05-06L-GE3
SQM110N05-06L_GE3
SQM110P06-8m9L
SQM110P06-8M9L-GE3
SQM110P06-8M9L_GE3
SQM120N02-1m3L
SQM120N02-1M3L-GE3
SQM120N02-1M3L_GE3
SQM120N03-1m5L
SQM120N03-1M5L-GE3
SQM120N03-1M5L_GE3
SQM120N04-1m7
SQM120N04-1M7-GE3
SQM120N04-1M7_GE3
SQM120N04-1m7L
SQM120N04-1M7L-GE3
SQM120N04-1M7L_GE3
SQM120N04-1m9
SQM120N04-1M9-GE3
SQM120N04-1M9_GE3
SQM120N06-06
SQM120N06-06-GE3
SQM120N06-06_GE3
SQM120N06-3m5L
SQM120N06-3M5L-GE3
SQM120N06-3M5L_GE3
SQM120N10-09
SQM120N10-09-GE3
SQM120N10-09_GE3
SQM120N10-3m8
SQM120N10-3M8-GE3
SQM120N10-3M8_GE3
SQM120P04-04L
SQM120P04-04L-GE3
SQM120P04-04L_GE3
SQM120P06-07L
SQM120P06-07L-GE3
SQM120P06-07L_GE3
SQM120P10-10m1L
-
SQM120P10_10m1LGE3
SQM200N04-1m1L
SQM200N04-1M1L-GE3
SQM200N04-1M1L_GE3
SQM200N04-1m7L
SQM200N04-1M7L-GE3
SQM200N04-1M7L_GE3
SQM200N04-1m8
SQM200N04-1M8-GE3
SQM200N04-1M8_GE3
SQM25N15-52
SQM25N15-52-GE3
SQM25N15-52_GE3
SQM35N30-97
SQM35N30-97-GE3
SQM35N30-97_GE3
SQM40010EL
-
SQM40010EL_GE3
SQM40N10-30
SQM40N10-30-GE3
SQM40N10-30_GE3
SQM40N15-38
SQM40N15-38-GE3
SQM40N15-38_GE3
SQM40P10-40L
SQM40P10-40L-GE3
SQM40P10-40L_GE3
SQM47N10-24L
SQM47N10-24L-GE3
SQM47N10-24L_GE3
SQM50020EL
-
SQM50020EL_GE3
SQM50N04-4m0L
SQM50N04-4M0L-GE3
SQM50N04-4M0L_GE3
SQM50N04-4m1
SQM50N04-4M1-GE3
SQM50N04-4M1_GE3
SQM50P03-07
SQM50P03-07-GE3
SQM50P03-07_GE3
SQM50P04-09L
SQM50P04-09L-GE3
SQM50P04-09L_GE3
SQM50P06-15L
SQM50P06-15L-GE3
SQM50P06-15L_GE3
SQM50P08-25L
SQM50P08-25L-GE3
SQM50P08-25L_GE3
SQM60030E
-
SQM60030E_GE3
SQM60N06-15
SQM60N06-15-GE3
SQM60N06-15_GE3
SQM60N20-35
SQM60N20-35-GE3
SQM60N20-35_GE3
SQM70060EL
-
SQM70060EL_GE3
SQM85N15-19
SQM85N15-19-GE3
SQM85N15-19_GE3
SQV120N10-3m8
SQV120N10-3m8-GE3
SQV120N10-3m8_GE3
SQV120N06-4m7L
-
SQV120N06-4m7L_GE3


Similar Part No. - SQM25N15-52

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM25N15-52 VISHAY-SQM25N15-52 Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM25N15-52 VISHAY-SQM25N15-52 Datasheet
215Kb / 9P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM25N15-52 VISHAY-SQM25N15-52 Datasheet
205Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 째C MOSFET
01-Jan-2022
SQM25N15-52 VISHAY-SQM25N15-52 Datasheet
204Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM25N15-52-GE3 VISHAY-SQM25N15-52-GE3 Datasheet
180Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 30-Jul-12
More results

Similar Description - SQM25N15-52

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQR70090ELR VISHAY-SQR70090ELR Datasheet
240Kb / 7P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 05-Sep-16
SQ2398ES VISHAY-SQ2398ES_15 Datasheet
260Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 30-Jul-15
SQJ456EP VISHAY-SQJ456EP_15 Datasheet
172Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. F, 28-Nov-11
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_15 Datasheet
165Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
SQM70060EL VISHAY-SQM70060EL_V02 Datasheet
205Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA68EP VISHAY-SQJA68EP_V02 Datasheet
262Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA700CEJW VISHAY-SQA700CEJW_V02 Datasheet
177Kb / 6P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ476EP VISHAY-SQJ476EP_V01 Datasheet
303Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_V02 Datasheet
165Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQP120N10-09 VISHAY-SQP120N10-09_15 Datasheet
153Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com