Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRT11 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BRT11
Description  Optocoupler, Phototriac Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRT11 Datasheet(HTML) 2 Page - Vishay Siliconix

  BRT11 Datasheet HTML 1Page - Vishay Siliconix BRT11 Datasheet HTML 2Page - Vishay Siliconix BRT11 Datasheet HTML 3Page - Vishay Siliconix BRT11 Datasheet HTML 4Page - Vishay Siliconix BRT11 Datasheet HTML 5Page - Vishay Siliconix BRT11 Datasheet HTML 6Page - Vishay Siliconix BRT11 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 83689
Rev. 1.4, 26-Apr-04
VISHAY
BRT11/ 12/ 13
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
1) Test AC voltage in acc. with DIN 57883, June 1980
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6V
Forward continuous current
IF
20
mA
Surge forward current
IFSM
1.5
A
Power dissipation
t
≤ 10 µsPdiss
30
mW
Parameter
Test condition
Part
Symbol
Value
Unit
Repetitive peak off-state voltage
BRT11
VDRM
400
V
BRT12
VDRM
600
V
BRT13
VDRM
800
V
RMS on-state current
ITRMS
300
mA
Single cycle surge current
50 Hz
ITSM
3A
Power dissipation
Pdiss
600
mW
Parameter
Test condition
Symbol
Value
Unit
Max. power dissipation
Ptot
630
mW
Ambient temperature
Tamb
- 40 to + 100
°C
Storage temperature
Tstg
- 40 to + 150
°C
Insulation test voltage 1)
between input/output circuit
(climate in acc. with DIN 40046,
part 2, Nov. 74)
VISO
5300
VRMS
Reference voltage in acc. with
VDE 0110 b
Vref
500
VRMS
Reference voltage in acc. with
VDE 0110 b (insulation group C)
Vref
600
VDC
Creepage resistance (in acc.
with DIN IEC 112/VDE 0303,
part 1)
(group IIIa acc. to DIN VDE
0109)
CTI
175
Insulation resistance
VIO = 500 V, Tamb = 25 ° C
RIO
≥ 1012
VIO = 500 V, Tamb = 100 ° C
RIO
≥ 1011
DIN humidity category,
DIN 40 040
F
Creepage distance
(input/output circuit)
≥ 7.2
mm
Clearance (input/output circuit)
≥ 7.2
mm


Similar Part No. - BRT11

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BRT11 SIEMENS-BRT11 Datasheet
167Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch
logo
Vishay Siliconix
BRT11 VISHAY-BRT11 Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
BRT11 VISHAY-BRT11 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
BRT11-H VISHAY-BRT11-H Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
BRT11-M VISHAY-BRT11-M Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
More results

Similar Description - BRT11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3020 VISHAY-VO3020_18 Datasheet
219Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.3, 07-Mar-18
BRT11 VISHAY-BRT11_08 Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
K3010P VISHAY-K3010P Datasheet
145Kb / 9P
   Optocoupler with Phototriac Output
Rev. A4, 13-Sep-99
K3020P VISHAY-K3020P Datasheet
146Kb / 9P
   Optocoupler with Phototriac Output
Rev. A5, 13-Sep-99
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.2, 09-Sep-13
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com