Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W4120GG3000 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # W4120GG3000
Description  GPS Antenna
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W4120GG3000 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  W4120GG3000 Datasheet HTML 1Page - Pulse A Technitrol Company W4120GG3000 Datasheet HTML 2Page - Pulse A Technitrol Company W4120GG3000 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
pulseelectronics.com/products/antennas
IP67 Active 6 Band
GPS Antenna
Pulse Part Number W4120 Family
L113.A (03/11)
2
pulseelectronics.com/products/antennas
Environmental Specifications
Operating Temperature [°C]
-40 to +85
Storage Temperature [°C]
-40 to +85
Relative Humidity [%]
100
Mechanical Specifications
Radome Material
PC/PET, UV resistant
Color
Black
Ingress Protection
IP67
Weight [oz/g]
4.7 / 145
Dimensions [Inches/mm]
5.4 x 1.5 x .6
[136 x 37.7 x 13.8]
Mounting
Adhesive Tape
LNA Specifications
Gain at 3V [dBic / dB ± 2)]
5 / 26
Gain at 5V [dBic / dB ± 2]
5 / 25
Noise Figure
1.5 dB max
Current Draw [mA Max]
25
Voltage [V DC]
3 - 5
Electrical Specifications
Frequency 1 [MHz]
806-960
Frequency 2 [MHz]
1710-2170
Frequency 3 [MHz]
1574.4-1576.4
Nominal Impedance [Ω]
50
Freq 1
2.5:1
Freq 2
2.5:1
Freq 3
2.0:1
Freq 1 [dBi avg]
0
Freq 2 [dBi avg]
0
Freq 1
Linear Vertical
Freq 2
Linear Vertical
Freq 3
RHCP
Type [Freq 1/2]
RG-174
Type [GPS]
RG-174


Similar Part No. - W4120GG3000

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W4120GG3000 PULSE-W4120GG3000 Datasheet
1Mb / 3P
   IP67 Active 6 Band GPS Antenna
More results

Similar Description - W4120GG3000

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
GPA-CG2C5 MITSUMI-GPA-CG2C5 Datasheet
59Kb / 2P
   GPS Antenna
logo
Raltron Electronics Cor...
RPA-GP-866.5-P-25-G RALTRON-RPA-GP-866.5-P-25-G Datasheet
177Kb / 2P
   GPS ANTENNA
RPA-GP-1575-A-Y RALTRON-RPA-GP-1575-A-Y Datasheet
119Kb / 1P
   GPS ANTENNA
RST-GP-A-27-SMA-Y RALTRON-RST-GP-A-27-SMA-Y Datasheet
117Kb / 1P
   GPS ANTENNA
RPA-GP-A-16-IPEX-25-G RALTRON-RPA-GP-A-16-IPEX-25-G Datasheet
233Kb / 4P
   GPS ANTENNA
RPA-GP-A-17-IPEX-23-Y RALTRON-RPA-GP-A-17-IPEX-23-Y Datasheet
188Kb / 3P
   GPS ANTENNA
RPA-GP-A-17-IPEX-64-Y RALTRON-RPA-GP-A-17-IPEX-64-Y Datasheet
177Kb / 3P
   GPS ANTENNA
RPA-GP-A-18-IPEX-120-G RALTRON-RPA-GP-A-18-IPEX-120-G Datasheet
172Kb / 3P
   GPS ANTENNA
logo
Mitsumi Electronics, Co...
GPA-CG2C2 MITSUMI-GPA-CG2C2 Datasheet
58Kb / 2P
   GPS Antenna
GPA-CG201 MITSUMI-GPA-CG201 Datasheet
108Kb / 2P
   GPS Antenna
ANT-JX2 MITSUMI-ANT-JX2 Datasheet
49Kb / 2P
   GPS Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com