Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-0545Z Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-0545Z
Description  The media converter kit includes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-0545Z Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-0545Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-0545Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-0545Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-0545Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-0545Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Figure 3. AFBR-0545Z media converter evaluation board
AFBR-0545Z Circuit Design
The schematic for the AFBR-0545Z media converter board
is shown in Figure 2. The data signal from the twisted
pair medium is routed through magnetic (part of RJ 45
jack)to the IC Plus IP113ALF input media converter input
pins (RXIP and RXIM). The IP113ALF is configured for 100
Mbps full duplex mode. The transmitter output of the
IP113ALF (FXTDP and FXTDM) is AC coupled to the input
of the Avago AFBR-5972Z transceiver module through
a differential transmission line with a 100
 impedance.
Resistor R103 is not populated because AFBR-5972Z has
an internal 100
 resistor for termination (see AFBR-5972Z
data sheet). Resistor R112 provides a 100
 termination
for the receiver of the AFBR-5972Z module. The voltage
divider between the IP113ALF and AFBR-5972Z module
biases the IP113ALF PHY chip. Resistors R117 and R118
are needed as termination of the receiver output stage of
AFBR-5972Z. The signal detect (SD) output signal of the
transceiver module is connected to the PHY chip FXSD pin
through the voltage divider formed by resistors R111 and
R116. The FXSD pin is active when the threshold voltage is
higher than 1.35 V.
LED2 and LED1 (in Figure 3) provides visual information
about the presence of supply voltage at AFBR-5972Z
module and RJ 45 jack respectively. LED1 also provides
information about twisted pair link connection. LED2
provides information about the full duplex optical link
connection.
Fast Ethernet Measurement Setup
The Fast Ethernet measurement setup converts the data
signal from the twisted pair domain to the optical domain
and back again to the twisted pair domain. The Fast
Ethernet link is created by connecting the RJ 45 interface
of the media converter board to the network through
a CAT5 patch cable. The duplex POF cable is connected
between the AFBR-5972Z modules, as shown in Figure 4.
The second RJ45 interface is connected to the Ethernet
port of the computer through a CAT5 patch cable.
Figure 4. Fast Ethernet measurement setup
Media Converter
Board
Media Converter
Board
2m POF Cable
Network
AFBR-5972Z
RJ 45
IP113 ALF
LED1
LED2


Similar Part No. - AFBR-0545Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-0544Z AVAGO-AFBR-0544Z Datasheet
544Kb / 4P
   Evaluation PCB description
AFBR-0546Z AVAGO-AFBR-0546Z Datasheet
56Kb / 2P
   AFBR-1624Z and AFBR-2624Z unit
AFBR-0547Z AVAGO-AFBR-0547Z Datasheet
56Kb / 2P
   AFBR-1624Z and AFBR-2624Z unit
AFBR-0548Z AVAGO-AFBR-0548Z Datasheet
44Kb / 2P
   Connect 0V to GND pin of 3 pin connector
AFBR-0549Z AVAGO-AFBR-0549Z Datasheet
145Kb / 1P
   The AFBR-0549Z/AFBR-0550Z evaluation kits provide
More results

Similar Description - AFBR-0545Z

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5CK1001 PASTERNACK-PE5CK1001 Datasheet
1Mb / 17P
   Standard kit includes
logo
List of Unclassifed Man...
MHD45PK25-K ETC2-MHD45PK25-K Datasheet
155Kb / 1P
   BACKSHELL KIT INCLUDES
logo
Pasternack Enterprises,...
PE5CK1000 PASTERNACK-PE5CK1000 Datasheet
1Mb / 20P
   Standard kit includes
logo
Glenair, Inc.
050_113 GLENAIR-050_113 Datasheet
627Kb / 15P
   Media Converter
050-110 GLENAIR-050-110 Datasheet
758Kb / 13P
   Media Converter
050-112 GLENAIR-050-112 Datasheet
607Kb / 15P
   Media Converter
050-113 GLENAIR-050-113 Datasheet
627Kb / 15P
   Media Converter
050-115 GLENAIR-050-115 Datasheet
588Kb / 13P
   Media Converter
050_115 GLENAIR-050_115 Datasheet
588Kb / 13P
   Media Converter
logo
Bel Fuse Inc.
T2F-DTL002-24V BEL-T2F-DTL002-24V Datasheet
760Kb / 2P
   Media Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com