Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADNS-6230-001 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-6230-001
Description  Complete laser mouse reference design kit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6230-001 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-6230-001 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Part Number
Description
Name
Quantity
ADNK-7053-ND24
Mouse Set
a.
Wireless Laser Mouse
Reference Design
Mouse Set
b.
USB Dongle
1
ADNS-7050
Laser Mouse Sensor
Sensor
5
ADNS-6120
Laser Mouse Round Lens Plate
Lens
5
ADNS-6130-001
Laser Mouse Trim Lens Plate
Lens
5
ADNS-6230-001
Laser Mouse VCSEL Assembly Clip
VCSEL Clip
5
ADNV-6340
Single Mode Vertical Cavity Surface Emitting Laser
VCSEL
5
ADNK-7053-ND24
Includes Documentation and Support Files for ADNK-7053-ND24
CD-ROM
Documentations
a.
ADNB-7051-EV and ADNB-7052-EV Low Power Laser Mouse Bundles Data Sheet
b.
ADNK-7053-ND24 Laser Mouse Designer's Kit Product Overview
c.
ADNK-7053-ND24 Laser Mouse Designer's Kit Design Guide
d.
Avago Technologies ADNB-6031 and ADNB-6032 Laser Mouse Eye Safety
Calculation Application Note 5230
e.
Nordic Semiconductor nRF2401A RF Transceiver Datasheet
f.
Nordic Semiconductor nRF2402 RF Transmitter Datasheet
g.
Nordic Semiconductor nRFTM Radio protocol guidelines Application Notes nAN400-
07
h.
Nordic Semiconductor nRF240x ShockBurst™ Technology White Paper
i.
Nordic Semiconductor Universal low cost USB DuoCeiver™ using nRF2401
™Application Note nAN24-04
j.
Texas Instrument MSP430F1222 Microcontroller Datasheet
Hardware Support Files
a.
ADNK-7053-ND24 BOM List
b.
ADNK-7053-ND24 Schematic
c.
ADNK-7053-ND24 Gerber File
d.
IGES Base Plate Feature Files
Software Support Files
a.
Mouse Firmware - Texas Instrument MSP430F1222 Microcontroller
b.
USB Dongle Firmware - Cypress CY7C63231A enCoRe USB microcontroller
Ordering Information
For ordering information, please contact your local Avago Technologies sales representative.
Kit Components
The designer’s kit contains components as follows:
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Pte. in the United States and other countries.
Data subject to change. Copyright © 2006 Avago Technologies Pte. All rights reserved.
AV01-0076EN - March 27, 2006


Similar Part No. - ADNS-6230-001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-6230-001 HP-ADNS-6230-001 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6230-001 BOARDCOM-ADNS-6230-001 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6230-001 AVAGO-ADNS-6230-001 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6230-001 BOARDCOM-ADNS-6230-001 Datasheet
166Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6230-001 AVAGO-ADNS-6230-001 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
More results

Similar Description - ADNS-6230-001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
List of Unclassifed Man...
STDP4020-RD1 ETC1-STDP4020-RD1 Datasheet
636Kb / 14P
   Reference Design Eval Kit
logo
Pixart Imaging Inc.
PAW3601DH-NF PIXART-PAW3601DH-NF Datasheet
724Kb / 35P
   laser diode form a complete and compact laser mouse tracking system
PAW3601DH PIXART-PAW3601DH Datasheet
720Kb / 35P
   laser diode form a complete and compact laser mouse tracking system
logo
Silicon Laboratories
UG124 SILABS-UG124 Datasheet
496Kb / 18P
   ZigBee Contact Sensor Reference Design Kit
VOICE-RECORD-RD SILABS-VOICE-RECORD-RD Datasheet
573Kb / 10P
   VOICE RECORDER REFERENCE DESIGN KIT USER?셎
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-6033-CC24 AVAGO-ADNK-6033-CC24 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-6033-CC24 BOARDCOM-ADNK-6033-CC24 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-6033-ND24 AVAGO-ADNK-6033-ND24 Datasheet
166Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com