Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADNS-6230-001 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-6230-001
Description  Gaming Laser Mouse Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6230-001 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-6230-001 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Kit Components
Part Number
Description
Name
Quantity
ADNS-6090
Gaming Laser Mouse Sensor
Sensor
5
ADNS-6120
Laser Mouse Round Lens
Lens
5
ADNS-6130-001
Laser Mouse Trim Lens
Lens
5
ADNS-6230-001
Laser Mouse VCSEL Assembly Clip
VCSEL Clip
5
ADNV-6340
Single-Mode Vertical-Cavity Surface Emitting Laser (VCSEL)
VCSEL
5
CD
1. ADNS-6090 Data Sheet
2. ADNS-6120 Round Lens Data Sheet
3. ADNS-6130-001 Trim Lens Data Sheet
4. ADNS-6230-001 VCSEL Assembly Clip Data Sheet
5. ADNV-6340 VCSEL Data Sheet
6. 3D Model IGES Files
7. Avago Laser Mouse Eye Safety Calculation Application Note 5088
-
1
Sensor, Lens, Assembly Clip and VCSEL
The sensor technical information is contained in the ADNS-6090 Gaming Laser Mouse Data Sheet.
3D Model IGES Files
The IGES file provides recommended base plate molding features to ensure optical alignment.
CD
The above technical information for the sensor, lens, assembly clip and VCSEL and 3D Model IGES Files is contained
within this media.
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2008 Avago Technologies. All rights reserved.
AV02-0910EN - July 25, 2008
ADNK-6090
Gaming Laser Mouse Sensor
Sample Kit


Similar Part No. - ADNS-6230-001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-6230-001 HP-ADNS-6230-001 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6230-001 BOARDCOM-ADNS-6230-001 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6230-001 AVAGO-ADNS-6230-001 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6230-001 BOARDCOM-ADNS-6230-001 Datasheet
166Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6230-001 AVAGO-ADNS-6230-001 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
More results

Similar Description - ADNS-6230-001

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-7010 AVAGO-ADNK-7010 Datasheet
103Kb / 1P
   Gaming Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-7010 BOARDCOM-ADNK-7010 Datasheet
103Kb / 1P
   Gaming Laser Mouse Sensor
ADNK-6090 BOARDCOM-ADNK-6090 Datasheet
104Kb / 1P
   Gaming Laser Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-9800 PIXART-ADNS-9800_17 Datasheet
1,020Kb / 9P
   Laser Gaming Sensor
ADNS-9500 PIXART-ADNS-9500 Datasheet
1Mb / 40P
   Laser Gaming Sensor
ADNS-9800 PIXART-ADNS-9800 Datasheet
2Mb / 40P
   Laser Gaming Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6000 AVAGO-ADNS-6000 Datasheet
928Kb / 41P
   Laser Mouse Sensor
ADNK-6010 AVAGO-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
logo
Pixart Imaging Inc.
PMW3310DH-AWQT PIXART-PMW3310DH-AWQT Datasheet
692Kb / 10P
   Low Power LED Gaming Mouse Sensor
PMW3310DH PIXART-PMW3310DH Datasheet
268Kb / 5P
   Low Power LED Gaming Mouse Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com