Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC26LF Datasheet(PDF) 3 Page - Fox Electronics

Part # NC26LF
Description  Thru-Hole Tuning Fork
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

NC26LF Datasheet(HTML) 3 Page - Fox Electronics

  NC26LF Datasheet HTML 1Page - Fox Electronics NC26LF Datasheet HTML 2Page - Fox Electronics NC26LF Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1.1.3 Bending the lead
(1) Bend the lead so that the lead will remain straight for more than 0.5mm from the case when soldering a
crystal unit after bending. If not, the glass may be cracked (see Figures 5 and 6).
(2) Always leave a length greater than the case diameter when bending a lead after soldering (see Figure 7).
0.5mm
D
0.5mm
Solder
Printed circuit
board
Solder
Solder
L > D
L
Figure 7
Figure 6
Figure 5
Make the length from the
case to the printed circuit
board (L) longer than the
case diameter (D) so that
the lead wire will not be
pulled in case the crystal
unit falls over.
Soldering directly to the case will reduce the degree of vacuum and may result in
deterioration of the characteristics and may break the crystal chip.
Page 2 of 2
7/7/2011
1.1.4 Soldering
When mounting or removing a quartz crystal unit, heat the lead part at 300°C or lower for 5 seconds or less (in the case of a
lead-type conventional product). A long period of time of heating may result in deterioration of the characteristics and may
break the crystal unit. Be sure to keep the case at or below 150°C.


Similar Part No. - NC26LF

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
NC26LF FOX-NC26LF Datasheet
125Kb / 1P
   THRU-HOLE Tuning Fork
NC26LF-327 FOX-NC26LF-327 Datasheet
729Kb / 3P
   Thru-Hole Tuning Fork
More results

Similar Description - NC26LF

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
NC15LF FOX-NC15LF Datasheet
125Kb / 1P
   THRU-HOLE Tuning Fork
NC15 FOX-NC15 Datasheet
76Kb / 1P
   THRU-HOLE TUNING FORK
NC26LF-327 FOX-NC26LF-327 Datasheet
729Kb / 3P
   Thru-Hole Tuning Fork
logo
Suzhou HangJing Electro...
FL26T2 HANGJING-FL26T2 Datasheet
473Kb / 1P
   TUNING FORK CRYSTAL UNIT IN Ø2X6MM THRU-HOLE METAL CAN PACKAGE
FL38T2 HANGJING-FL38T2 Datasheet
613Kb / 1P
   TUNING FORK CRYSTAL UNIT IN Ø3X8MM THRU-HOLE METAL CAN PACKAGE.
logo
Caliber Electronics Inc...
AWT CALIBER-AWT Datasheet
52Kb / 1P
   Through Hole Tuning Fork Crystals
logo
Dubilier
DXT26 DUBILIER-DXT26 Datasheet
183Kb / 1P
   TUNING FORK
logo
List of Unclassifed Man...
AWT3 ETC2-AWT3 Datasheet
46Kb / 1P
   Through Hole Tuning Fork Crystals
logo
CTS Corporation
TF202P32K7680 CTS-TF202P32K7680 Datasheet
188Kb / 3P
   Tuning Fork Crystal
logo
Shenzhen Luguang Electr...
ZM-145 LUGUANG-ZM-145 Datasheet
273Kb / 1P
   Tuning Fork Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com